Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCBA017D Datasheet(PDF) 17 Page - Texas Instruments

Part # SCBA017D
Description  Digital Control Compatible Synchronous-Buck Gate Driver With Current Sense and Fault Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SCBA017D Datasheet(HTML) 17 Page - Texas Instruments

Back Button SCBA017D Datasheet HTML 13Page - Texas Instruments SCBA017D Datasheet HTML 14Page - Texas Instruments SCBA017D Datasheet HTML 15Page - Texas Instruments SCBA017D Datasheet HTML 16Page - Texas Instruments SCBA017D Datasheet HTML 17Page - Texas Instruments SCBA017D Datasheet HTML 18Page - Texas Instruments SCBA017D Datasheet HTML 19Page - Texas Instruments SCBA017D Datasheet HTML 20Page - Texas Instruments SCBA017D Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
UCD7232
www.ti.com
SLUSAH3
– MAY 2011
For a synchronous buck regulator, the ripple current is highest at 50% duty cycle, or when Vout is one half of
Vin. At higher or lower duty cycles, the ripple current decreases.
For this design, the maximum output current is targeted to be 20A. If the 30% ripple current rule is applied, the
maximum allowable ripple current is 6APP. The previous equation can be rearranged to use this value to compute
a minimum inductance value that will meet our criteria.
LMIN = [(VIN – VOUT) × VOUT] / (VIN × FSW × ΔIMAX)
(12)
For this design, the maximum ripple occurs when Vin = 14V and Vout is at the highest targeted output voltage of
3.3V. This produces a value for LMIN of 0.84µH. This value is rounded up to 1µH, which is a popular value that is
available from inductor vendors.
Now that the inductance value has been determined, the current handling capacity of the inductor drives the next
step in the selection process. The inductor saturation limit and DCR heating limit are two key parameters. At full
load, the peak current in the inductor is equal to the load current plus one half of the
ΔIPP value. For this design,
the peak inductor current is approximately 23A. The inductor must have a saturation current rating, ISAT, of at
least 23A. The inductor saturation rating is the current level at which the inductance value falls by 20 or 30%
(depending on the vendor) from its no-load value. As current increases above this value, the inductance value
may fall sharply, depending on the core material and construction of the inductor. Operating an inductor in its
saturated region causes the current through it to increase rapidly, causing potentially damaging levels of current
to flow in the high-side FET. Good engineering practice dictates that there be should be 15% or more headroom
in the inductor saturation limit to allow for transient currents and surges that will be encountered in normal
operation. For this design, an ISAT rating of at least 1.15 × 23A = 26.5A would be required.
For highest efficiency, an inductor with the lowest DCR will always have the lowest I2R losses. However, low
resistance requires wire with a large cross section. This forces the inductor to be physically larger than a higher
DCR device. The DCR of the inductor will limit its current handling capacity due to the heating it will cause when
current flows through it. Inductor manufacturers typically give a maximum current rating for an inductor based on
the current that produces a 40
°C rise in the device temperature. Keep in mind that in an 85°C ambient
environment, a 40
°C rise will result in a device temperature of 125°C. Every inductor has two maximum current
ratings: one is the 40
°C rise rating, the other is the ISAT rating. The maximum usable current rating for the
inductor is the lower of the two values. In a well designed inductor, the 40
°C rise rating and ISAT are
approximately equal. The 40
°C rise rating should be at least equal to the maximum steady state load current of
the power stage. Headroom above the steady state 40
°C rise rating is not required. Momentary surge currents
above the rating value will not cause a significant temperature rise due to the thermal mass of the part.
The last key inductor consideration is the choice of core material. Core material affects cost, power dissipation
due to core loss, and saturation characteristics. There are three popular core materials used in power inductors:
powdered iron, ferrite, and powdered alloy. Powder iron is inexpensive and has a desirable soft saturation
characteristic that makes it tolerant of surge and transient currents. However, at high values of ripple current and
higher switching frequencies (500kHz and up), core losses become quite large. The heating due to core loss is in
addition to the I2R heating due to the winding DCR. Excessive core loss can cause the core temperature to rise
dramatically. In some cases, this can lead to permanent degradation of the core. Powdered iron cores are best
used at switching frequencies at or below 350kHz. Ferrite has the lowest core losses, making it ideal for higher
switching frequencies. Ferrite saturates easily, so ferrite based inductors are produced with some form of air gap
that lowers their effective permeability and extends their saturation limit. However, once the core reaches
saturation, the falloff in inductance is quite steep. This dictates the selection of a device that has some extra ISAT
headroom to allow for transient current surges. Ferrite is also the most costly core material. Powdered alloy
cores are an improved version of powdered iron cores. By using more exotic metal mixtures in the core, alloy
cores exhibit lower core loss at high frequencies and ripple currents compared to powered iron. In some cases,
they approach the performance of ferrite. The powdered alloy cores retain the desirable soft saturation
characteristic of powdered iron cores. Cost wise, powdered alloy usually falls between powdered iron and ferrite.
Now that the key inductor requirements are known, a device can be selected. In this design, a BI Technologies
HM00-08822LFTR device, for example, meets the requirements. This is a 0.95
µH device, with 1.2mΩ DCR. It
uses a ferrite core with an ISAT rating of 29A.
Copyright
© 2011, Texas Instruments Incorporated
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com