Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCBA017D Datasheet(PDF) 30 Page - Texas Instruments

Part # SCBA017D
Description  Digital Control Compatible Synchronous-Buck Gate Driver With Current Sense and Fault Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SCBA017D Datasheet(HTML) 30 Page - Texas Instruments

Back Button SCBA017D Datasheet HTML 26Page - Texas Instruments SCBA017D Datasheet HTML 27Page - Texas Instruments SCBA017D Datasheet HTML 28Page - Texas Instruments SCBA017D Datasheet HTML 29Page - Texas Instruments SCBA017D Datasheet HTML 30Page - Texas Instruments SCBA017D Datasheet HTML 31Page - Texas Instruments SCBA017D Datasheet HTML 32Page - Texas Instruments SCBA017D Datasheet HTML 33Page - Texas Instruments SCBA017D Datasheet HTML 34Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2.
This drawing is subject to change without notice.
3.
The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
PACKAGE OUTLINE
www.ti.com
4219125 / A 10/2016
WQFN - 0.8 mm max height
PLASTIC QUAD FLATPACK - NO LEAD
RTJ0020D
0.1
C A B
0.05
C
4.1
3.9
4.1
3.9
B
A
PIN 1 INDEX AREA
C
0.8 MAX
0.05
0.00
SEATING PLANE
20X
0.29
0.19
20
PIN 1 ID
(OPTIONAL)
EXPOSED
THERMAL PAD
SYMM
SYMM
(A) TYP
0.08 C
16X 0.5
15
1
DIM A
OPT 1
OPT 2
(0.1)
(0.2)
16
11
5
6
10
21
4X 2
20X
0.5
0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com