Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCBA017D Datasheet(PDF) 7 Page - Texas Instruments

Part # SCBA017D
Description  Digital Control Compatible Synchronous-Buck Gate Driver With Current Sense and Fault Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SCBA017D Datasheet(HTML) 7 Page - Texas Instruments

Back Button SCBA017D Datasheet HTML 3Page - Texas Instruments SCBA017D Datasheet HTML 4Page - Texas Instruments SCBA017D Datasheet HTML 5Page - Texas Instruments SCBA017D Datasheet HTML 6Page - Texas Instruments SCBA017D Datasheet HTML 7Page - Texas Instruments SCBA017D Datasheet HTML 8Page - Texas Instruments SCBA017D Datasheet HTML 9Page - Texas Instruments SCBA017D Datasheet HTML 10Page - Texas Instruments SCBA017D Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
UCD7232
www.ti.com
SLUSAH3
– MAY 2011
PIN FUNCTIONS
PIN
I/O
FUNCTION
QFN-20
NAME
1
HS Sense
I
High-side current fault threshold set pin. A resistor is connected from this pin directly to the drain of the
high-side FET. The voltage drop across this resistor sets the maximum voltage drop allowed across the
high-side FET after the blanking time set by RDLY. Exceeding this threshold will assert FLT and truncate
the HS Gate pulse. This pin sinks a constant 100
µA of current.
2
FLT
O
Fault Flag. The FLT signal is a 3.3v digital output which is asserted high when an over-current,
over-temperature, or UVLO fault is detected. After an over-current event is detected, the flag is reset low on
the falling edge of the next PWM pin, provided the over-current condition is no longer detected during the
on-time of the PWM signal. For UVLO and over-temperature faults, the flag is reset when the fault condition
is no longer present.
3
SRE Mode
I
Synchronous Rectifier Enable Mode select pin. When high, the high-side and low-side gate drive timing is
controlled by the PWM pin. Anti-cross-conduction logic prevents simultaneous application of high-side and
low-side gate drive. When low, independent operation of the high-side and low-side gate is selected. The
high-side gate is directly controlled by the PWM signal. The low-side gate is directly controlled by the SRE
signal. No anti-cross-conduction circuitry is active in this mode. This pin should not be left floating.
4
SRE
I
Synchronous Rectifier Enable or Low-Side Input. This pin is a digital input capable of accepting 3.3V or 5V
logic level signals. A Schmitt trigger input comparator desensitizes this pin from external noise. When SRE
Mode is high, this signal, when low, disables the synchronous rectifier FET. The LS Gate signal is held off.
When SRE Mode is high, this signal, when high, allows the LS Gate signal to function according to the state
of the PWM pin. When SRE Mode is low, this pin is a direct input to the LS Gate driver.
5
ILIM
I
Output current limit threshold set pin. The voltage on this pin sets the fault threshold voltage on the IMON pin.
The nominal threshold voltage range is 0.5 V to 3.0 V. When V(IMON) exceeds V(ILIM), the FLT pin is
asserted and the HS Gate pulse is truncated.
6
IMON
O
Current Sense Linear Amplifier Output. The output voltage level on this pin represents the average output
current. V(IMON) = 0.5 V + 50.2 (V(CSP) – V(CSN)).
7
CSN
I
Inverting input of the output current sense amplifier and current limit comparator.
8
CSP
I
Non-inverting input of the output current sense amplifier and current limit comparator.
9
BP3
O
Bypass capacitor for internal 3.3V supply. Connect a 1
µF (minimum) ceramic capacitor from this pin to
AGND.
10
PWM
I
PWM input. This pin is a digital input capable of accepting 3.3 V or 5 V logic level signals. A Schmitt trigger
input comparator desensitizes this pin from external noise. When SRE Mode is high, this pin controls both
gate drivers. When SRE Mode is low, this pin only controls the high-side driver. This pin can detect when
the input drive signal has switched to a high impedance (3-state) mode. When the high impedance mode is
detected, both the HS Gate and LS Gate signals are held low.
11
RDLY
I
Requires a resistor to AGND for setting the Current Sense blanking time for the high-side current sense
comparator and output current limit circuitry.
12
AGND
–
Analog ground return for all circuits except the LS Gate driver.
13
VGG DIS
I
VGG Disable pin. When pulled high, the on-chip VGG linear regulator is disabled. When disabled, an
externally supplied gate voltage must be connected to the VGG pin. Connect this pin to AGND to use the
on-chip regulator.
14
PGND
–
Power Ground pin. This pin provides a return path for the low-side gate driver.
15
LS Gate
O
The Low-Side high-current driver output. Drives the gate of the low-side synchronous MOSFET between
VGG and PGND.
16
Vin
I
Input Voltage to the buck power stage and driver circuitry
17
VGG
I/O
Gate Drive voltage supply. When VGG DIS is low, VGG is generated by an on-chip linear regulator. Nominal
output voltage is 6.2 V. When VGG DIS is high, an externally supplied gate voltage can be applied to this
pin. Connect a 4.7
µF capacitor from this pin to PGND.
18
BST
I/O
Floating bootstrap supply for high side driver. Connect the bootstrap capacitor between this pin and the SW
node. The bootstrap capacitor provides the charge to turn on the high-side MOSFET.
19
HS Gate
O
The High-Side high-current driver output. Drives the gate of the high side buck MOSFET between BST and
SW.
20
SW
I/O
Switching node connection to buck inductor. This pin provides a return path for the high-side gate driver.
PP
PAD
–
Power Pad. Connect directly to AGND for better thermal performance and EMI reduction.
Copyright
© 2011, Texas Instruments Incorporated
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com