Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCBA017D Datasheet(PDF) 6 Page - Texas Instruments

Part # SCBA017D
Description  Digital Control Compatible Synchronous-Buck Gate Driver With Current Sense and Fault Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SCBA017D Datasheet(HTML) 6 Page - Texas Instruments

Back Button SCBA017D Datasheet HTML 2Page - Texas Instruments SCBA017D Datasheet HTML 3Page - Texas Instruments SCBA017D Datasheet HTML 4Page - Texas Instruments SCBA017D Datasheet HTML 5Page - Texas Instruments SCBA017D Datasheet HTML 6Page - Texas Instruments SCBA017D Datasheet HTML 7Page - Texas Instruments SCBA017D Datasheet HTML 8Page - Texas Instruments SCBA017D Datasheet HTML 9Page - Texas Instruments SCBA017D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
UCD7232
SLUSAH3
– MAY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, 4.7 µF from VGG to PGND, 1 µF from BP3 to AGND, 0.22 µF from BST to SW, TA = TJ = –40°C to 125°C,
RDLY = 8.06k
Ω, SRE Mode = 3.3V, VGG DIS tied to AGND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(ILIM) = 1.50 V, (CSP – CSN) = 20 mV,
Fault detection time. Delay until FLT
tFAULT_FLT
85
170
ns
asserted(2)
CSN = 1.80 V
PWM falling to FLT falling after a current limit event is
Propagation delay from PWM to reset FLT(2)
85
200
ns
cleared. PWM pulse width
≥100 ns.
CURRENT SENSE BLANKING (RDLY, HS Sense)
IRDLY
RDLY source current
8.06 k
Ω resistor from RDLY to AGND
80
90
100
µA
RDLY resistance range(2)
7.5
8.06
10
k
Ω
RDLY = 8.06 k
Ω. From SW rising to HS fault comparator
tBLANK
HS blanking time
110
125
140
ns
enabled
IHS Sense
HS Sense sink current
RHS Sense = 2. kΩ to VIN, VIN = 12 V
100
µA
HS fault detection time. Delay after tBLANK
RDLY = 8.06 k
Ω, RHS Sense = 2 kΩ to VIN, VIN = 12 V,
tHSFAULT_HS
20
ns
until HS Gate falling(2)
VIN – VSW = 220 mV
HS fault detection time. Delay after tBLANK
RDLY = 8.06 k
Ω, RHS Sense = 2 kΩ to VIN, VIN = 12 V,
tHSFAULT_LS
30
ns
until LS Gate falling(2)
VIN – VSW = 220 mV
CURRENT SENSE AMPLIFER (IMON, CSP, CSN)
V(IMON) at no load
CSP = CSN = 1.8 V
460
500
540
mV
Closed loop DC gain
CSP
– CSN = 10 mV; 0.5 V ≤ CSN ≤ 3.3 V
48
50.2
52.4
V/V
Gain with 2.49k resistors in series with CSP, CSN
45.6
47.8
49.9
V/V
Input impedance(2)
Differential, CSP
– CSN
100
k
Ω
VCM
Input common mode voltage range(2)
VCM(max) is limited to (VGG – 1.2 V)
–0.3
5.6
V
V(IMON)MIN
CSP = 1.2 V; CSN = 1.3 V; I(IMON) = –250 µA
0.1
0.15
V
V(IMON)MAX
CSP = 1.3 V; CSN = 1.2 V; I(IMON) = 500 µA
3
3.2
3.3
V
Sampling Rate(2)
5
Msps
LOW-SIDE OUTPUT DRIVER (LS Gate)
Peak Source Current(2)
VGG = 6.2 V, PWM = Low, LS Gate = 3 V
6
A
Peak Sink Current (2)
VGG = 6.2 V, PWM = High, LS Gate = 3 V
6
A
tRL
Rise Time(2)
CL = 6 nF, VIN = 12 V, VGG = 6.2 V
30
ns
tFL
Fall Time(2)
CL = 6 nF, VIN = 12 V, VGG = 6.2 V
20
ns
Output with VGG <UVLO
(2)
VGG = 1 V, Isink = 10 mA
0
0.5
V
Propagation Delay from PWM to LS Gate(2)
CL = 3 nF, PWM falling SW = 0 V, VGG = 6.2 V
46
ns
HIGH-SIDE OUTPUT DRIVER (HS Gate)
VIN = 12 V, BST = 6.2 V, PWM = High,
Source current(2)
4
A
HS Gate = 3 V
VIN = 12 V, BST = 6.2 V, PWM = Low,
Sink current(2)
4
A
HS Gate = 3 V
tRH
Rise time(2)
CL = 3 nF HS Gate to SW, VGG = 6.2 V
27
ns
tFH
Fall time(2)
CL = 3 nF HS Gate to SW, VGG = 6.2 V
21
ns
CL = 3 nF HS Gate to SW, PWM rising,
Propagation delay from PWM to HS Gate(2)
50
ns
SW = 0 V, VGG = 6.2 V
SWITCHING TIME
tDLH
HS gate turn-off propagation delay(2)
CL = 3 nF
16
ns
tDLL
LS gate turn-off propagation delay(2)
CL = 3 nF
15
ns
tDTH
Dead time LS; Gate off to HS; Gate on(2)
CL = 3 nF
12
ns
tDTL
Dead time HS; Gate off to LS; Gate on(2)
CL = 3 nF
15
ns
BOOTSTRAP DIODE
VF
Forward voltage(2)
Forward bias current 100 mA
0.4
V
THERMAL SHUTDOWN
Rising threshold(2)
155
165
175
°C
Falling threshold(2)
135
145
155
°C
Hysteresis(2)
20
°C
(2)
As designed and characterized. Not 100% tested in production.
6
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com