Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCBA017D Datasheet(PDF) 14 Page - Texas Instruments

Part # SCBA017D
Description  Digital Control Compatible Synchronous-Buck Gate Driver With Current Sense and Fault Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SCBA017D Datasheet(HTML) 14 Page - Texas Instruments

Back Button SCBA017D Datasheet HTML 10Page - Texas Instruments SCBA017D Datasheet HTML 11Page - Texas Instruments SCBA017D Datasheet HTML 12Page - Texas Instruments SCBA017D Datasheet HTML 13Page - Texas Instruments SCBA017D Datasheet HTML 14Page - Texas Instruments SCBA017D Datasheet HTML 15Page - Texas Instruments SCBA017D Datasheet HTML 16Page - Texas Instruments SCBA017D Datasheet HTML 17Page - Texas Instruments SCBA017D Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
PWM
FLT
HS
Gate
LS
Gate
FaultDetected
UCD7232
SLUSAH3
– MAY 2011
www.ti.com
FLT
The Fault Flag (FLT) is a digital output pin that is asserted when a significant fault is detected. It is meant to alert
the host controller to an event that has interrupted power conversion. The FLT pin is held low in normal
operation. When a fault is detected it is asserted high (3.3V). There are four events that can trigger the FLT
signal: output over-current, high-side over-current, UVLO and thermal shutdown. The operation of the device
during fault conditions is described in the Fault Behavior section. When asserted in response to an over-current
fault, the FLT signal is reset low upon the falling edge of a subsequent PWM pulse, provided no faults are
detected during the on-time of the pulse. If the fault is still present, the flag will remain asserted. When asserted
in response to an UVLO or thermal shutdown event, the FLT pin will automatically de-assert itself when the
UVLO or thermal event has passed. If the on-time of the PWM pulse is less than 100ns, then more than one
pulse may be required to reset the flag.
BP3
The BP3 pin provides a connection point for a bypass capacitor that quiets the internal 3.3V voltage rail. Connect
a 1
µF (or greater) ceramic capacitor from this pin to analog ground. Do not draw current from this pin. It is not
intended to be a significant source of 3.3V. It can, however, be used to as a source of 3.3V for an ILIM voltage
divider and a tie point for the SRE Mode pin. Current draw should be limited to 100
µA or less.
FAULT BEHAVIOR
When faults are detected, the device reacts immediately to minimize power dissipation in the FETs and protect
the system. The type of fault influences the behavior of the gate drive signals.
When a thermal shutdown fault occurs, both HS Gate and LS Gate are immediately forced low. They will stay
low, regardless of the state of PWM and SRE, for the duration of the thermal shutdown.
A UVLO fault occurs when the voltage on the VGG pin is less than the UVLO threshold. During this time both the
HS Gate and LS Gate are driven low, regardless of the state of PWM and SRE. The fault is automatically cleared
when the VGG voltage rises above the UVLO threshold.
When either a high-side fault or an output over-current fault is detected, the FLT pin is asserted high, and both
gate signals are immediately pulled low. During a high-side fault, a high-side gate pulse will be issued with each
incoming PWM pulse. If the fault is still present, the HS Gate signal will again be truncated. This behavior
repeats on a cycle-by-cycle basis until the fault is gone or the PWM input is held low. This behavior is illustrated
in Figure 5.
Figure 5. High-Side Over-Current Fault Response
When a high-side fault and output over-current fault are detected concurrently, then both FET drives are
immediately turned off and held off. If the output over-current fault is still present at the next PWM rising edge,
then no HS Gate pulse will be issued and both gates will continue to be held off. Unlike the high-side fault
detection circuitry, the output over-current fault circuitry is not reset on a cycle-by-cycle basis. The output current
must fall below the over-current threshold before switching will resume.
14
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com