Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP2004 Datasheet(PDF) 2 Page - Texas Instruments

Part # TDP2004
Description  TDP2004-Q1 Automotive Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDP2004 Datasheet(HTML) 2 Page - Texas Instruments

  TDP2004 Datasheet HTML 1Page - Texas Instruments TDP2004 Datasheet HTML 2Page - Texas Instruments TDP2004 Datasheet HTML 3Page - Texas Instruments TDP2004 Datasheet HTML 4Page - Texas Instruments TDP2004 Datasheet HTML 5Page - Texas Instruments TDP2004 Datasheet HTML 6Page - Texas Instruments TDP2004 Datasheet HTML 7Page - Texas Instruments TDP2004 Datasheet HTML 8Page - Texas Instruments TDP2004 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 6
5.1 Absolute Maximum Ratings........................................ 6
5.2 ESD Ratings............................................................... 6
5.3 Recommended Operating Conditions.........................6
5.4 Thermal Information....................................................7
5.5 DC Electrical Characteristics...................................... 7
5.6 High Speed Electrical Characteristics.........................8
5.7 SMBUS/I2C Timing Charateristics.............................. 9
5.8 Typical Characteristics.............................................. 11
5.9 Typical Jitter Characteristics..................................... 11
6 Detailed Description......................................................12
6.1 Overview................................................................... 12
6.2 Functional Block Diagram......................................... 12
6.3 Feature Description...................................................12
6.4 Device Functional Modes..........................................14
6.5 Programming............................................................ 14
7 Application and Implementation.................................. 19
7.1 Application Information............................................. 19
7.2 Typical Applications.................................................. 19
7.3 Power Supply Recommendations.............................22
7.4 Layout....................................................................... 23
8 Device and Documentation Support............................25
8.1 Receiving Notification of Documentation Updates....25
8.2 Support Resources................................................... 25
8.3 Trademarks...............................................................25
8.4 Electrostatic Discharge Caution................................25
8.5 Glossary....................................................................25
9 Mechanical, Packaging, and Orderable Information.. 25
TDP2004-Q1
SNLS787 – SEPTEMBER 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TDP2004-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com