Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP2004 Datasheet(PDF) 3 Page - Texas Instruments

Part # TDP2004
Description  TDP2004-Q1 Automotive Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDP2004 Datasheet(HTML) 3 Page - Texas Instruments

  TDP2004 Datasheet HTML 1Page - Texas Instruments TDP2004 Datasheet HTML 2Page - Texas Instruments TDP2004 Datasheet HTML 3Page - Texas Instruments TDP2004 Datasheet HTML 4Page - Texas Instruments TDP2004 Datasheet HTML 5Page - Texas Instruments TDP2004 Datasheet HTML 6Page - Texas Instruments TDP2004 Datasheet HTML 7Page - Texas Instruments TDP2004 Datasheet HTML 8Page - Texas Instruments TDP2004 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
4 Pin Configuration and Functions
Thermal
pad
33
GND
34
SEL
35
NC
36
NC
37
NC
38
PD
39
DONEn
40
GND
13
GND
14
READ_ENn
15
EQ0/ADDR0
16
EQ1/ADDR1
17
MODE
18
TEST/SCL
19
GAIN/SDA
20
GND
Not to scale
Figure 4-1. RGF Package, 40-Pin VQFN (Top View)
Table 4-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
DONEn
39
O, 3.3V open
drain
In SMBus/I2C Controller mode:
Indicates the completion of a valid EEPROM register load operation. External pullup
resistor such as 4.7kΩ required for operation.
High: External EEPROM load failed or incomplete
Low: External EEPROM load successful and complete
In SMBus/I2C Target/Pin mode:
This output is High-Z. The pin can be left floating.
MODE
17
I, 5-level
Sets device control configuration modes. 5-level IO pin as provided in Table 6-3. The
pin can be exercised at device power up or in normal operation mode.
L0: Pin mode – device control configuration is done solely by strap pins.
L1: SMBus/I2C Controller mode – device control configuration is read from external
EEPROM. When the TDP2004-Q1 finishes reading from the EEPROM successfully,
Don En pin is pulled LOW. SMBus/I2C Target operation is available in this mode
before, during or after EEPROM reading. Note: during EEPROM reading if the external
SMBus/I2C Controller wants to access TDP2004-Q1 registers, the external controller
must support arbitration.
L2: SMBus/I2C Target mode – device control configuration is done by an external
controller with SMBus/I2C Controller.
L3 and L4 (Float): RESERVED – TI internal test modes.
EQ0 / ADDR0
15
I, 5-level
In Pin mode:
Sets receiver linear equalization (CTLE) boost for channels 0-3 as provided in Table
6-1. These pins are sampled at device power up only.
In SMBus/I2C mode:
Sets SMBus / I2C Target address as provided in Table 6-4. These pins are sampled at
device power up only.
EQ1 / ADDR1
16
I, 5-level
GAIN / SDA
19
I, 5-level / I/O,
3.3V
LVCMOS,
open drain
In Pin mode:
Flat gain (DC and AC) from the input to the output of the device for channels 0-3. The
pin is sampled at device power up only.
In SMBus/I2C mode:
3.3V SMBus/I2C data. External 1kΩ to 5kΩ pullup resistor is required as per SMBus /
I2C interface standard.
www.ti.com
TDP2004-Q1
SNLS787 – SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TDP2004-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com