Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP2004 Datasheet(PDF) 4 Page - Texas Instruments

Part # TDP2004
Description  TDP2004-Q1 Automotive Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDP2004 Datasheet(HTML) 4 Page - Texas Instruments

  TDP2004 Datasheet HTML 1Page - Texas Instruments TDP2004 Datasheet HTML 2Page - Texas Instruments TDP2004 Datasheet HTML 3Page - Texas Instruments TDP2004 Datasheet HTML 4Page - Texas Instruments TDP2004 Datasheet HTML 5Page - Texas Instruments TDP2004 Datasheet HTML 6Page - Texas Instruments TDP2004 Datasheet HTML 7Page - Texas Instruments TDP2004 Datasheet HTML 8Page - Texas Instruments TDP2004 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Table 4-1. Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
GND
3, 10, 13, 20,
23, 30, 33, 40,
EP
G
Ground reference for the device.
EP: the Exposed Pad at the bottom of the QFN package, which is used as the GND
return for the device. The EP must be connected to one or more ground planes
through the low resistance path. A via array provides a low impedance path to GND.
The EP also improves thermal dissipation.
PD
38
I, 3.3V
LVCMOS
2-level logic controlling the operating state of the redriver. Active in all device control
modes. The pin has internal 1MΩ weak pull down resistor.
High: power down for channels 0-3
Low: power up, normal operation for channels 0-3
READ_ENn
14
I, 3.3V
LVCMOS
In SMBus/I2C Controller mode:
After power up, when the pin is low, the device initiates the SMBus / I2C Controller
mode EEPROM read function. When EEPROM read is complete (indicated by
assertion of Don En low), this pin can be held low for normal device operation. During
the EEPROM load process the signal path of the device is disabled.
In SMBus/I2C Target and Pin modes:
In these modes the pin is not used. The pin can be left floating. The pin has internal
1MΩ weak pull down resistor.
SEL
34
The pin selects the mux configuration.
Low: straight data path – RX[0/1/2/3][P/N] connected to TX[0/1/2/3][P/N] through the
redriver.
High: cross data path – RX[0/1/2/3][P/N] connected to TX[1/0/3/2][P/N] through the
redriver.
Active in all device control modes. 59kΩ internal pull down.
TEST / SCL
18
I, 5-level / I/O,
3.3V
LVCMOS,
open drain
In Pin mode:
TI test mode. External 1kΩ pull down resistor must be installed.
In SMBus/I2C mode:
3.3V SMBus/I2C clock. External 1kΩ to 5kΩ pullup resistor is required as per SMBus /
I2C interface standard.
RX0N
22
I
Inverting differential inputs to the equalizer. Integrated 50Ω termination resistor from
the pin to internal CM bias voltage. Channel 0.
RX0P
21
I
Non-inverting differential inputs to the equalizer. Integrated 50Ω termination resistor
from the pin to internal CM bias voltage. Channel 0.
RX1N
25
I
Inverting differential inputs to the equalizer. Integrated 50Ω termination resistor from
the pin to internal CM bias voltage. Channel 1.
RX1P
24
I
Non-inverting differential inputs to the equalizer. Integrated 50Ω termination resistor
from the pin to internal CM bias voltage. Channel 1.
RX2N
29
I
Inverting differential inputs to the equalizer. Integrated 50Ω termination resistor from
the pin to internal CM bias voltage. Channel 2.
RX2P
28
I
Non-inverting differential inputs to the equalizer. Integrated 50Ω termination resistor
from the pin to internal CM bias voltage. Channel 2.
RX3N
32
I
Inverting differential inputs to the equalizer. Integrated 50Ω termination resistor from
the pin to internal CM bias voltage. Channel 3.
RX3P
31
I
Non-inverting differential inputs to the equalizer. Integrated 50Ω termination resistor
from the pin to internal CM bias voltage. Channel 3.
TX0N
11
O
Inverting pin for 100Ω differential driver output. Channel 0.
TX0P
12
O
Non-inverting pin for 100Ω differential driver output. Channel 0.
TX1N
8
O
Inverting pin for 100Ω differential driver output. Channel 1.
TX1P
9
O
Non-inverting pin for 100Ω differential driver output. Channel 1.
TX2N
4
O
Inverting pin for 100Ω differential driver output. Channel 2.
TX2P
5
O
Non-inverting pin for 100Ω differential driver output. Channel 2.
TX3N
1
O
Inverting pin for 100Ω differential driver output. Channel 3.
TX3P
2
O
Non-inverting pin for 100Ω differential driver output. Channel 3.
TDP2004-Q1
SNLS787 – SEPTEMBER 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TDP2004-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com