Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP2004 Datasheet(PDF) 7 Page - Texas Instruments

Part # TDP2004
Description  TDP2004-Q1 Automotive Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDP2004 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TDP2004 Datasheet HTML 3Page - Texas Instruments TDP2004 Datasheet HTML 4Page - Texas Instruments TDP2004 Datasheet HTML 5Page - Texas Instruments TDP2004 Datasheet HTML 6Page - Texas Instruments TDP2004 Datasheet HTML 7Page - Texas Instruments TDP2004 Datasheet HTML 8Page - Texas Instruments TDP2004 Datasheet HTML 9Page - Texas Instruments TDP2004 Datasheet HTML 10Page - Texas Instruments TDP2004 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
5.3 Recommended Operating Conditions (continued)
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
DR
Data rate
1
20
Gbps
(1)
Sinusoidal noise is superimposed to supply voltage with negligeable impact to device function or critical performance shown in the
Electrical Table. Steps must be taken to ensure the combined AC plus DC supply noise meets the specified VDD supply voltage limits.
5.4 Thermal Information
THERMAL METRIC(1)
TDP2004-
Q1
UNIT
RGF, 40
Pins
RθJA-High K
Junction-to-ambient thermal resistance
29.6
℃/W
RθJC(top)
Junction-to-case (top) thermal resistance
19.0
℃/W
RθJB
Junction-to-board thermal resistance
11.2
℃/W
ψJT
Junction-to-top characterization parameter
0.4
℃/W
ψJB
Junction-to-board characterization parameter
11.1
℃/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.8
℃/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report.
5.5 DC Electrical Characteristics
over operating free-air temperature and voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power
PACT
Device active power
4 channels active, EQ = 0-2
0.57
0.71
W
4 channels active, EQ = 5-19
0.69
0.85
W
PSTBY
Device power consumption in standby
power mode
All channels disabled (PD = H)
17
25
mW
Control IO
VIH
High level input voltage
SDA, SCL, PD, READ_ENn, SEL pins
2.1
V
VIL
Low level input voltage
SDA, SCL, PD, READ_ENn, SEL pins
1.08
V
VOH
High level output voltage
Rpullup = 4.7kΩ (SDA, SCL, DONEn
pins)
2.1
V
VOL
Low level output voltage
IOL = –4mA (SDA, SCL, DONEn pins)
0.4
V
IIH,SEL
Input high leakage current for SEL
pins
VInput = SEL pins
100
µA
IIH
Input high leakage current
VInput = VCC, (SCL, SDA, PD,
READ_ENn pins)
10
µA
IIL
Input low leakage current
VInput = 0V, (SCL, SDA, PD,
READ_ENn, SEL pins)
–10
µA
IIH,FS
Input high leakage current for fail safe
input pins
VInput = 3.6V, VCC = 0V, (SCL, SDA,
PD, READ_ENn, SEL pins)
200
µA
CIN-CTRL
Input capacitance
SDA, SCL, PD, READ_ENn, SEL pins
1.6
pF
5 Level IOs (MODE, GAIN, EQ0, EQ1 pins)
IIH_5L
Input high leakage current, 5-level IOs VIN = 2.5V
10
µA
IIL_5L
Input low leakage current for all 5-level
IOs except MODE.
VIN = GND
–10
µA
IIL_5L,MODE
Input low leakage current for MODE
pin
VIN = GND
–200
µA
www.ti.com
TDP2004-Q1
SNLS787 – SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TDP2004-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com