Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP2004 Datasheet(PDF) 11 Page - Texas Instruments

Part # TDP2004
Description  TDP2004-Q1 Automotive Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDP2004 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TDP2004 Datasheet HTML 7Page - Texas Instruments TDP2004 Datasheet HTML 8Page - Texas Instruments TDP2004 Datasheet HTML 9Page - Texas Instruments TDP2004 Datasheet HTML 10Page - Texas Instruments TDP2004 Datasheet HTML 11Page - Texas Instruments TDP2004 Datasheet HTML 12Page - Texas Instruments TDP2004 Datasheet HTML 13Page - Texas Instruments TDP2004 Datasheet HTML 14Page - Texas Instruments TDP2004 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
5.8 Typical Characteristics
Figure 5-1 shows typical EQ gain curves versus frequency for different EQ settings. Figure 5-2 shows typical differential
return loss for Rx and Tx pins.
Frequency (GHz)
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
-5
0
5
10
15
20
25
EQ=0
EQ=1
EQ=2
EQ=5
EQ=6
EQ=7
EQ=8
EQ=9
EQ=10
EQ=11
EQ=12
EQ=13
EQ=14
EQ=15
EQ=16
EQ=17
EQ=18
EQ=19
Figure 5-1. Typical EQ Boost vs Frequency
Frequency (GHz)
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
-30
-25
-20
-15
-10
-5
0
RX SD11
TX SD22
Figure 5-2. Typical Differential Return Loss
5.9 Typical Jitter Characteristics
Figure 5-3 and Figure 5-4 show eye diagrams at 20Gbps that compare jitter through calibration traces (left), and jitter through
TDP2004-Q1 (right) at TI evaluation boards with minimal channels. The eye diagrams illustrate that TDP2004-Q1 adds very
little random jitter (RJ) - below instrumentation acuracy. Total jitter improvements can be attributed to the residual equalization
at EQ = 0 cleaning up DJ for input loss.
Figure 5-3. Through Baseline Calibration Trace Setup for
20Gbps
Figure 5-4. Through TDP2004-Q1 for 20Gbps
www.ti.com
TDP2004-Q1
SNLS787 – SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TDP2004-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com