Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP2004 Datasheet(PDF) 12 Page - Texas Instruments

Part # TDP2004
Description  TDP2004-Q1 Automotive Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDP2004 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TDP2004 Datasheet HTML 8Page - Texas Instruments TDP2004 Datasheet HTML 9Page - Texas Instruments TDP2004 Datasheet HTML 10Page - Texas Instruments TDP2004 Datasheet HTML 11Page - Texas Instruments TDP2004 Datasheet HTML 12Page - Texas Instruments TDP2004 Datasheet HTML 13Page - Texas Instruments TDP2004 Datasheet HTML 14Page - Texas Instruments TDP2004 Datasheet HTML 15Page - Texas Instruments TDP2004 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
6 Detailed Description
6.1 Overview
The TDP2004-Q1 is a four-channel multi-rate linear redriver with integrated signal conditioning. The signal
channels of the device operate independently from one another. Each channel includes a continuous-time
linear equalizer (CTLE) and a linear output driver, which together compensate for a lossy transmission channel
between the source transmitter and the final receiver. The linearity of the data path is specifically designed to
preserve any transmit equalization while keeping receiver equalization effective.
The TDP2004-Q1 can be configured three different ways:
Pin mode – device control configuration is done solely by strap pins. Pin mode is expected to be satisfactory `for
many system implementation needs.
SMBus/I2C Controller mode – device control configuration is read from external EEPROM. When the
TDP2004-Q1 has finished reading from the EEPROM successfully, the device drives the DONEn pin LOW.
SMBus/I2C Target operation is available in this mode before, during, or after EEPROM reading. Note: during
EEPROM reading, if the external SMBus/I2C Controller wants to access TDP2004-Q1 registers, the external
controller must support arbitration. The mode is preferred when software implementation is not desired.
SMBus/I2C Target mode – provides most flexibility. Requires a SMBus/I2C Controller device to configure
TDP2004-Q1 though writing to the Target address.
6.2 Functional Block Diagram
GAIN/SDA
TEST/SCL
EQ1/ADDR1
READ_ENn
DONEn
EQ0/ADDR0
VCC
MODE
PD
Shared Digital Core
Power-On Reset
Always-On 10MHz
GND
RX3P
RX3N
CTLE
Linear
Driver
TX3P
TX3N
RX2P
RX2N
CTLE
Linear
Driver
TX2P
TX2N
Term
Term
Term
Term
RX1P
RX1N
CTLE
Linear
Driver
TX1P
TX1N
RX0P
RX0N
CTLE
Linear
Driver
TX0P
TX0N
Term
Term
Term
Term
TDP2004-Q1
Voltage
Regulator
SEL
6.3 Feature Description
6.3.1 RX Equalization Control Settings
The TDP2004-Q1 receivers feature a continuous-time linear equalizer (CTLE) that applies high-frequency boost
and low-frequency attenuation to help equalize the frequency-dependent insertion loss effects of the passive
channel. The receivers implement two stage linear equalizer for wide range of equalization capability. The
equalizer stages also provide flexibility to make subtle modifications of mid-frequency boost for best EQ gain
TDP2004-Q1
SNLS787 – SEPTEMBER 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TDP2004-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com