Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP2004 Datasheet(PDF) 13 Page - Texas Instruments

Part # TDP2004
Description  TDP2004-Q1 Automotive Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDP2004 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TDP2004 Datasheet HTML 9Page - Texas Instruments TDP2004 Datasheet HTML 10Page - Texas Instruments TDP2004 Datasheet HTML 11Page - Texas Instruments TDP2004 Datasheet HTML 12Page - Texas Instruments TDP2004 Datasheet HTML 13Page - Texas Instruments TDP2004 Datasheet HTML 14Page - Texas Instruments TDP2004 Datasheet HTML 15Page - Texas Instruments TDP2004 Datasheet HTML 16Page - Texas Instruments TDP2004 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
profile match with wide range of channel media characteristics. The EQ profile control feature is only available in
SMBus/I2C mode. In Pin mode the settings are optimized for FR4 traces.
Table 6-1 provides available equalization boost at 20Gbps (10GHz Nyquist frequency) through EQ control pins
or SMBus/I2C registers. In Pin Control mode EQ1 and EQ0 pins set equalization boost for channels 0-3. In I2C
mode individual channels can be independently programmed for EQ boost.
Table 6-1. Equalization Control Settings
EQUALIZATION SETTING
TYPICAL EQ BOOST (dB)
Pin mode
SMBus/I2C Mode
0
L0
L0
0
0
0
1
5.0
1
L0
L1
1
0
0
1
7.0
2
L0
L2
3
0
0
1
8.0
5
L1
L0
0
0
1
0
10.0
6
L1
L1
1
0
1
0
10.5
7
L1
L2
2
0
1
0
11.5
8
L1
L3
3
0
3
0
12.0
9
L1
L4
4
0
3
0
13.0
10
L2
L0
5
1
7
0
13.5
11
L2
L1
6
1
7
0
14.0
12
L2
L2
8
1
7
0
15.5
13
L2
L3
10
1
7
0
16.0
14
L2
L4
10
2
15
0
16.5
15
L3
L0
11
3
15
0
17.5
16
L3
L1
12
4
15
0
18.5
17
L3
L2
13
5
15
0
19.0
18
L3
L3
14
6
15
0
20.0
19
L3
L4
15
7
15
0
20.5
6.3.2 Flat-Gain
The GAIN pin can be used to set the overall data-path flat gain (DC and AC) of the TDP2004-Q1 when the
device is in Pin mode. The pin GAIN sets the flat-gain for channels 0-3. In I2C mode each channel can be
independently set. Table 6-2 provides flat gain control configuration settings. For most systems the default
setting of GAIN = L4 (float) is recommended that provides flat gain of 0dB.
The flat-gain and equalization of the TDP2004-Q1 must be set such that the output signal swing at DC and high
frequency does not exceed the DC and AC linearity ranges of the devices, respectively.
Table 6-2. Flat Gain Configuration Settings
Pin mode: GAIN
I2C Mode: flat_gain_2:0
Datapath Flat Gain
L0
0
–5.6dB
L1
1
–3.8dB
L2
3
–1.3dB
L4 (float)
5
0.6dB (default recommendation)
www.ti.com
TDP2004-Q1
SNLS787 – SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TDP2004-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com