Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP2004 Datasheet(PDF) 21 Page - Texas Instruments

Part # TDP2004
Description  TDP2004-Q1 Automotive Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDP2004 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TDP2004 Datasheet HTML 17Page - Texas Instruments TDP2004 Datasheet HTML 18Page - Texas Instruments TDP2004 Datasheet HTML 19Page - Texas Instruments TDP2004 Datasheet HTML 20Page - Texas Instruments TDP2004 Datasheet HTML 21Page - Texas Instruments TDP2004 Datasheet HTML 22Page - Texas Instruments TDP2004 Datasheet HTML 23Page - Texas Instruments TDP2004 Datasheet HTML 24Page - Texas Instruments TDP2004 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
7.2.1.3 Application Curves
The TDP2004-Q1 is a linear redriver that can be used to extend channel reach of a DP link. The redriver
can help to pass compliance by removing ISI deterministic jitter at data rates up to 20Gbps (UHBR20) for
DP2.1. Figure 7-3 - Figure 7-6 shows a typical DP 2.1 Tx compliance channel setup along with compliance Eye
Diagrams at TP3_EQ with or without redriver. The comparison of eye diagrams show that TDP2004-Q1 can
provide signal conditioning by extending horizontal and vertical eye openings that makes a failing eye to pass.
SOC
TP2
Keysight
Scope
DP 2.1
compliance
(Worst case
cable loss +
Ref. Rx EQ)
TP3_EQ
Eye without
redriver
AMD Radeon
7900XT GPU
Figure 7-3. A Typical 20Gbps (UHBR20) DP 2.1 Tx
Compliance Channel Setup With No Redriver
SOC
TP2
Keysight
Scope
DP 2.1
compliance
(Worst case
cable loss +
Ref. Rx EQ)
TP3_EQ
Eye with
redriver
AMD Radeon
7900XT GPU
+8dB loss +
equaliza on
TI EVB
Figure 7-4. A Typical 20Gbps (UHBR20) DP 2.1 Tx
Compliance Channel Setup With Redriver
Figure 7-5. DP 2.1 Tx Compliance Eye Diagram at
TP3_EQ With No Redriver
Figure 7-6. DP 2.1 Tx Compliance Eye Diagram at
TP3_EQ With TDP2004-Q1 for Signal Conditioning
7.2.2 USB-C Cross Point Mux with Signal Conditioner
The TDP2004-Q1 is a linear redriver with integrated cross-point mux. The device can be used to account
for USB Type-C plug orientation as well as providing signal conditioing for DisplayPort mainlink signals. The
TDP2004-Q1 can be used in both source and sink applications as illustrated in Figure 7-7. Using the SEL pin,
typically driven by a USB PD controller in a system, the 4 channel signal paths can be configured as straight
connection or cross connections as illustrated.
Note
The TDP2004-Q1 can only be used in USB-C applications where USB superspeed pins are used for
DP alternate mode and USB3.x functionality is not required.
www.ti.com
TDP2004-Q1
SNLS787 – SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TDP2004-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com