Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP2004 Datasheet(PDF) 8 Page - Texas Instruments

Part # TDP2004
Description  TDP2004-Q1 Automotive Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDP2004 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TDP2004 Datasheet HTML 4Page - Texas Instruments TDP2004 Datasheet HTML 5Page - Texas Instruments TDP2004 Datasheet HTML 6Page - Texas Instruments TDP2004 Datasheet HTML 7Page - Texas Instruments TDP2004 Datasheet HTML 8Page - Texas Instruments TDP2004 Datasheet HTML 9Page - Texas Instruments TDP2004 Datasheet HTML 10Page - Texas Instruments TDP2004 Datasheet HTML 11Page - Texas Instruments TDP2004 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
5.5 DC Electrical Characteristics (continued)
over operating free-air temperature and voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Receiver
VRX-DC-CM
RX DC common vode voltage
Device is in active or standby state
1.4
V
ZRX-DC
Rx DC single-ended impedance
50
Ω
Transmitter
ZTX-DIFF-DC
DC differential Tx impedance
Impedance of Tx during active
signaling, VID,diff = 1Vpp
100
Ω
VTX-DC-CM
Tx DC common mode voltage
1.0
V
ITX-SHORT
Tx short circuit current
Total current the Tx can supply when
shorted to GND
70
mA
5.6 High Speed Electrical Characteristics
over operating free-air temperature and voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Receiver
RLRX-DIFF
Input differential return loss
50MHz
–27
dB
4.0GHz
–15
dB
5.0GHz
–15
dB
8.0GHz
–15
dB
10.0GHz
–11
dB
RLRX-CM
Input common mode return loss
50MHz
–22
dB
4.0GHz
–12
dB
5.0GHz
–11
dB
8.0GHz
–10
dB
10.0GHz
–8
dB
XTRX
Receiver-side pair-to-pair isolation
Minimum over 10.0MHz to 10.0GHz
range
–50
dB
Transmitter
RLTX-DIFF
Output differential return loss
50.0MHz
–29
dB
4.0GHz
–16
dB
5.0GHz
–17
dB
8.0GHz
–20
dB
10.0GHz
–18
dB
RLTX-CM
Output common mode return loss
50.0MHz
–16
dB
4.0GHz
–11
dB
5.0GHz
–10
dB
8.0GHz
–9
dB
10.0GHz
–9
dB
XTTX
Transmit-side pair-to-pair isolation
Minimum over 10.0MHz to 10.0GHz
range
–46
dB
Device Datapath
TPLHD/PHLD
Input-to-output latency (propagation
delay) through a data channel
For either low-to-high or high-to-low
transition
100
ps
TRJ-DATA
Additive random jitter with data
Jitter through redriver minus the
calibration trace. 20Gbps PRBS15.
800mVpp-diff input swing
70
fs
TDP2004-Q1
SNLS787 – SEPTEMBER 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TDP2004-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com