Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8796B Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP8796B
Description  16V, 30A, Scalable, Digital, Synchronous Step-Down Converter with PMBus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8796B Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP8796B Datasheet HTML 17Page - Monolithic Power Systems MP8796B Datasheet HTML 18Page - Monolithic Power Systems MP8796B Datasheet HTML 19Page - Monolithic Power Systems MP8796B Datasheet HTML 20Page - Monolithic Power Systems MP8796B Datasheet HTML 21Page - Monolithic Power Systems MP8796B Datasheet HTML 22Page - Monolithic Power Systems MP8796B Datasheet HTML 23Page - Monolithic Power Systems MP8796B Datasheet HTML 24Page - Monolithic Power Systems MP8796B Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
MP8796B – 16V, 30A, SYNCHRONOUS STEP-DOWN CONVERTER WITH PMBUS
MP8796B Rev 1.0
www.MonolithicPower.com
21
1/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
transient step size and slew rate. The SET
signal can be generated with a minimum 50ns
interval (i.e. the next phase can turn on 50ns
after the turn-on of the previous phase to
provide fast load transient response). Figure 5
on page 19 shows this operation.
Ramp Compensation
The
MP8796B
provides
internal
ramp
compensation to support all types of output
capacitors. Only the master phase utilizes ramp
compensation. When a SET signal is generated,
the ramp increases with a certain amplitude in a
fixed period. The ramp is then discharged with
an adaptive slew rate. This ramp signal is
superimposed onto the FB signal. When the
superimposed ramp and FB signal reaches the
REF signal, a new SET signal is generated.
The ramp is selectable through PMBus
command D0h[3:1] to support a wide range of
operation configurations. Larger ramps improve
jitter but result in slower load transient response.
It is recommended to choose an optimal ramp
that meets the application’s load transient target
design.
In single-phase operation, the ramp does not
need to be reset by the SET signal and can be
reset by pulse-width modulation (PWM) instead.
This option can be selected through PMBus
command EAh[3]. When EAh[3] = 0, the ramp
is reset by PWM. This is only for single-phase
operation. When EAh[3] = 1b’1, the ramp is
reset by the SET signal. This is optimal for both
single-phase and multi-phase operation.
Mode Selection
The MP8796B provides both forced continuous
conduction mode (CCM) operation and pulse
skip operation under light-load conditions. The
operation mode is selected through PMBus
command D2h[0]. When D2h[0] = 1b’1, the
device operates in CCM. When D2h[0] = 0, the
device operates in pulse skip mode.
Phase-Shedding Operation (Slave)
For multi-phase operation, the slave phases
can be enabled or disabled through the PMBus
or PS# pin. The phase-shedding function is
disabled in the master phase to ensure proper
operation.
Phase shedding is controlled through the E5h[0]
command on the PMBus. When E5h[0] = 1b’0,
the slave phases are enabled. When E5h[0] =
1b’1, the slave phases are disabled.
If phase shedding is controlled through the PS#
pin, set the E5h[1] command to 1b’1. The slave
phases are enabled when PS# is pulled high,
and disabled when PS# is pulled low.
Soft Start (SS)
The soft-start (SS) time can be programmed
through PMBus command TON_RISE (61h).
The minimum SS time is 1ms when 61h =
0x0000. Selectable SS time options include
1ms, 2ms, 4ms, 8ms, and 16ms.
Pre-Biased Start-Up
The MP8796B is designed for monotonic start-
up into pre-biased loads. If the output voltage is
pre-biased to a certain voltage during start-up,
the IC disables switching for both the high-side
and
low-side switches until
the
internal
reference voltage exceeds the sensed output
voltage at the FB pin (VFB). If the BST voltage is
below the 2.4V threshold before the reference
voltage (VREF) reaches the pre-biased FB level,
the low-side MOSFET (LS-FET) is forced on for
about 200ns to charge up the BST voltage.
Output Voltage Discharge
When the MP8796B is disabled through CTRL
or the PMBus OPERATION command, output
voltage discharge mode is enabled if this
function is selected. Both the HS-FET and LS-
FET are latched off. A discharge MOSFET
connected between SW and GND turns on to
discharge the output voltage. The typical switch
on resistance for this MOSFET is about 50Ω.
Once VFB drops below 10% of VREF, the
discharge MOSFET turns off. This feature can
be enabled or disabled through PMBus
command MFR_CTRL_01 (D1h[6]).
Current Sense and Over-Current Protection
(OCP)
The MP8796B features on-die current sensing
and a programmable, positive, current-limit
threshold. The MP8796B provides inductor
valley current limiting (set by PMBus command
D7h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com