Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8796B Datasheet(PDF) 32 Page - Monolithic Power Systems

Part # MP8796B
Description  16V, 30A, Scalable, Digital, Synchronous Step-Down Converter with PMBus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8796B Datasheet(HTML) 32 Page - Monolithic Power Systems

Back Button MP8796B Datasheet HTML 28Page - Monolithic Power Systems MP8796B Datasheet HTML 29Page - Monolithic Power Systems MP8796B Datasheet HTML 30Page - Monolithic Power Systems MP8796B Datasheet HTML 31Page - Monolithic Power Systems MP8796B Datasheet HTML 32Page - Monolithic Power Systems MP8796B Datasheet HTML 33Page - Monolithic Power Systems MP8796B Datasheet HTML 34Page - Monolithic Power Systems MP8796B Datasheet HTML 35Page - Monolithic Power Systems MP8796B Datasheet HTML 36Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
MP8796B – 16V, 30A, SYNCHRONOUS STEP-DOWN CONVERTER WITH PMBUS
MP8796B Rev. 1.0
www.MonolithicPower.com
32
1/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
OPERATION (01h)
OPERATION is a paged register. The OPERATION command turns the converter output on or off in
conjunction with the input from the CTRL pin. OPERATION also sets the output voltage to the upper or
lower margin voltages. The unit remains in the commanded operating mode until a subsequent
OPERATION command or a change in the state of the CTRL pin instructs the converter to change to
another mode. This OPERATION command re-enables the converter after a fault-triggered shutdown.
Writing an off command followed by an on command clears all faults. Writing only an on command after
a fault-triggered shutdown will not clear the fault registers.
Command
OPERATION
Format
Unsigned binary
Bit
7
6
5
4
3
2
1
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R
R
Function
X
X
Default Value
1
0
0
0
0
0
X
X
Bit[7:6]
Bit[5:4]
Bit[3:2]
Bit[1:0]
On/Off
Margin state
01h
00
XX
XX
XX
Immediate off
N/A
0x00
01
XX
XX
XX
Soft off
N/A
0x40
10
00
XX
XX
On
Off
0x80
10
01
01
XX
On
Margin low (ignore fault)
0x94
10
01
10
XX
On
Margin low (act on fault)
0x98
10
10
01
XX
On
Margin high (ignore fault)
0xA4
10
10
10
XX
On
Margin high (act on fault)
0xA8
ON_OFF_CONFIG (02h)
The ON_OFF_CONFIG command configures the combination of the CTRL input and the PMBus
commands to turn the converter on and off. This includes how the converter responds when an input
voltage is applied.
Command
ON_OFF_CONFIG
Format
Unsigned binary
Bit
7
6
5
4
3
2
1
0
Access
R
R
R
R/W
R/W
R/W
R/W
R
Function
X
On
Op
Ctrl
Pol_Ctrl
Delay
Default Value
0
0
0
1
0
1
1
0
On
The on bit sets the device to either operate whenever the input voltage is present, or for the on/off
function to be controlled by the CTRL and PMBus commands.
Bit[4] Value
Meaning
0
Converter powers up when the input voltage is present, regardless of state the of the CTRL pin.
1
Converter does not power up until commanded by the CTRL pin and OPERATION command (as
programmed in bit[3:0]).
Op
The op bit controls how the converter responds to the OPERATION commands.
Bit[3] Value
Meaning
0
Converter ignores the “on” bit in the OPERATION command from the PMBus.
1
Converter responds to the “on” bit in the OPERATION command from the PMBus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com