Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8796B Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP8796B
Description  16V, 30A, Scalable, Digital, Synchronous Step-Down Converter with PMBus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8796B Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP8796B Datasheet HTML 7Page - Monolithic Power Systems MP8796B Datasheet HTML 8Page - Monolithic Power Systems MP8796B Datasheet HTML 9Page - Monolithic Power Systems MP8796B Datasheet HTML 10Page - Monolithic Power Systems MP8796B Datasheet HTML 11Page - Monolithic Power Systems MP8796B Datasheet HTML 12Page - Monolithic Power Systems MP8796B Datasheet HTML 13Page - Monolithic Power Systems MP8796B Datasheet HTML 14Page - Monolithic Power Systems MP8796B Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
MP8796B – 16V, 30A, SYNCHRONOUS STEP-DOWN CONVERTER WITH PMBUS
MP8796B Rev. 1.0
www.MonolithicPower.com
11
1/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, TJ = -40°C to +125°C(7), typical value is tested at TJ = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
PMBus DC Characteristics (SDA, SCL, ALT#, CTRL) (6)
Input high voltage
VIH
2.1
V
Input low voltage
VIL
0.8
V
Output low voltage
VOL
IOL = 1mA
0.4
V
Input leakage current
ILEAK
SDA, SCL, ALT# = 3.3V
-10
+10
µA
Maximum voltage (SDA, SCL,
ALT#, CTRL)
VMAX
Transient voltage including
ringing
-0.3
3.3
+3.6
V
Pin capacitance on SDA,SCL
CPIN
10
pF
PMBus Timing Characteristics (7)
Min operating frequency
10
kHz
Max operating frequency
1000
kHz
Bus free time
Between stop and start condition
4.7
µs
Holding time
4.0
µs
Repeated start condition
set-up time
4.7
µs
Stop condition set-up time
4.0
µs
Data hold time
300
ns
Data set-up time
250
ns
Clock low timeout
25
35
ms
Clock low period
4.7
µs
Clock high period
4.0
50
µs
Clock/data fall time
300
ns
Clock/data rise time
1000
ns
Notes:
6) Guaranteed by design.
7) Guaranteed by design; not tested in production. The parameter is tested during parameter characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com