Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8796B Datasheet(PDF) 39 Page - Monolithic Power Systems

Part # MP8796B
Description  16V, 30A, Scalable, Digital, Synchronous Step-Down Converter with PMBus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8796B Datasheet(HTML) 39 Page - Monolithic Power Systems

Back Button MP8796B Datasheet HTML 35Page - Monolithic Power Systems MP8796B Datasheet HTML 36Page - Monolithic Power Systems MP8796B Datasheet HTML 37Page - Monolithic Power Systems MP8796B Datasheet HTML 38Page - Monolithic Power Systems MP8796B Datasheet HTML 39Page - Monolithic Power Systems MP8796B Datasheet HTML 40Page - Monolithic Power Systems MP8796B Datasheet HTML 41Page - Monolithic Power Systems MP8796B Datasheet HTML 42Page - Monolithic Power Systems MP8796B Datasheet HTML 43Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
MP8796B – 16V, 30A, SYNCHRONOUS STEP-DOWN CONVERTER WITH PMBUS
MP8796B Rev. 1.0
www.MonolithicPower.com
39
1/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
VIN_UV_WARN_LIMIT (58h)
The VIN_UV_WARN_LIMIT command configures or reads the threshold for input under-voltage (UV)
fault detection. If the measured value of VIN falls below the value in this register, the VIN UV warning
flags are set in their respective registers, and the ALT# signal is asserted.
Command
VIN_UV_WARN_LIMIT
Format
Direct
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
R
R
R
R
R
R
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Function
X
250mV/LSB
Default
Value
0
0
0
0
0
0
0
0
0
0
1
0
1
0
0
0
The value is unsigned and 1LSB = 250mV. The default value is 0x28. The corresponding value is 10V.
The VIN_UV_WARN_LIMIT setting value should not be set below 3.3V.
TON_DELAY (60h)
The TON_DELAY command sets the time (in ms) from when a start condition is received (as
programmed by the ON_OFF_CONFIG command) until the output voltage starts to rise.
Command
TON_DELAY
Format
Direct
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
R
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
X
4ms/LSB
Default
Value
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
The value is unsigned and 1LSB = 4ms. The maximum value is FFh (1020ms). The default value is
0ms.
TON_RISE (61h)
The TON_RISE command sets the soft-start time (in ms) from when the output starts to rise until the
voltage reaches the regulation point.
Command
TON_RISE
Format
Direct
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
X
1ms/LSB
Default
Value
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
The only supported values are:
3’b000: 1ms
3’b001: 2ms
3’b010: 4ms
3’b011: 8ms
3’b100 and up: 16ms
The default value is 0x01 (i.e. 2ms for soft-start time).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com