Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8796B Datasheet(PDF) 28 Page - Monolithic Power Systems

Part # MP8796B
Description  16V, 30A, Scalable, Digital, Synchronous Step-Down Converter with PMBus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8796B Datasheet(HTML) 28 Page - Monolithic Power Systems

Back Button MP8796B Datasheet HTML 24Page - Monolithic Power Systems MP8796B Datasheet HTML 25Page - Monolithic Power Systems MP8796B Datasheet HTML 26Page - Monolithic Power Systems MP8796B Datasheet HTML 27Page - Monolithic Power Systems MP8796B Datasheet HTML 28Page - Monolithic Power Systems MP8796B Datasheet HTML 29Page - Monolithic Power Systems MP8796B Datasheet HTML 30Page - Monolithic Power Systems MP8796B Datasheet HTML 31Page - Monolithic Power Systems MP8796B Datasheet HTML 32Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
MP8796B – 16V, 30A, SYNCHRONOUS STEP-DOWN CONVERTER WITH PMBUS
MP8796B Rev. 1.0
www.MonolithicPower.com
28
1/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
•
Read word with PEC
•
Block read with PEC
PMBus Bus Message Format
In Figure 11 on page 29, unshaded cells
indicate that the bus host is actively driving the
bus, and shaded cells indicate that the
MP8796B is driving the bus.
S = Start condition
Sr = Repeated start condition
P = Stop condition
R = Read bit
W
= Write bit
A = Acknowledge bit (0)
A
= Acknowledge bit (1)
“A” represents the acknowledge (ACK) bit. The
ACK bit is active low (logic 0) if the transmitted
byte is received successfully by a device.
However, when the receiving device is the bus
master, the acknowledge bit for the last byte
read is logic 1, indicated by A (see Figure 10).
Packet Error Checking (PEC)
The MP8796B PMBus interface supports the
use of a packet error checking (PEC) byte. The
PEC byte is transmitted by the MP8796B during
a read transaction or sent by the bus host to the
MP8796B during a write transaction.
The PEC byte is used by the bus host or the
MP8796B to detect errors during a bus
transaction
(depending
on
whether
the
transaction is a read or a write). If the host
determines that the PEC byte read during a
read transaction is incorrect, it can decide to
repeat the read if necessary. If the MP8796B
determines that the PEC byte sent during a
write transaction is incorrect, it ignores the
command (does not execute it) and sets a
status flag. Within a group command, the host
can choose to send or not send a PEC byte as
part of the message to the MP8796B.
PMBus Alert Response Address (ARA)
The PMBus alert response address (ARA) is a
special address that can be used by the bus
host to locate any devices that need to talk to it.
A host typically uses a hardware interrupt pin to
monitor the PMBus ALERT pins of a number of
devices. When a host interruption occurs, the
host issues a message on the bus using the
PMBus receive byte, or the receive byte with
PEC protocol.
The special address used by the host is 0x0C.
Any devices that have a PMBus use the ALERT
signal to return their own 7-bit address as the 7
MSBs of the data byte. The LSB value is not
used, and can be either 1 or 0. The host reads
the device address from the received data byte
and proceeds to handle the alert condition.
More than one device may have an active
PMBus
ALERT
signal
and
attempt
to
communicate with the host. In this case, the
device with the lowest address dominates the
bus and succeeds in transmitting its address to
the host. The device that succeeds disables its
PMBus alert signal. If the host sees that the
PMBus alert signal is still low, it continues to
read addresses until all devices that need to
talk to it have successfully transmitted their
addresses.
Figure 10: Data Transfer over PMBus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com