Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8796B Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP8796B
Description  16V, 30A, Scalable, Digital, Synchronous Step-Down Converter with PMBus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8796B Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP8796B Datasheet HTML 8Page - Monolithic Power Systems MP8796B Datasheet HTML 9Page - Monolithic Power Systems MP8796B Datasheet HTML 10Page - Monolithic Power Systems MP8796B Datasheet HTML 11Page - Monolithic Power Systems MP8796B Datasheet HTML 12Page - Monolithic Power Systems MP8796B Datasheet HTML 13Page - Monolithic Power Systems MP8796B Datasheet HTML 14Page - Monolithic Power Systems MP8796B Datasheet HTML 15Page - Monolithic Power Systems MP8796B Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
MP8796B – 16V, 30A, SYNCHRONOUS STEP-DOWN CONVERTER WITH PMBUS
MP8796B Rev. 1.0
www.MonolithicPower.com
12
1/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=12V, VOUT=1.2V, TA=+25°C, unless otherwise noted.
Load Regulation
VIN = 12V, CCM, fSW = 1000kHz
fSW vs. IOUT
VIN = 12V, CCM
1.195
1.197
1.199
1.201
1.203
1.205
1.207
1.209
1.211
1.213
1.215
0
5
10
15
20
IO (A)
Pulse Skip
CCM
0
100
200
300
400
500
600
700
800
900
1000
010
20
30
IO (A)
1000KHz
800KHz
600KHz
400KHz
Thermal Derating
VIN = 12V, fSW = 1000kHz, TJ = 125°C,
no air flow
Efficiency
VIN = 12V, fSW = 1000kHz, L = 0.44μH/0.18mΩ
0
5
10
15
20
25
30
35
555
105
AMBIENT TEMP (
℃)
Vo=1.2V
Vo=2.5V
Vo=5V
50
55
60
65
70
75
80
85
90
95
100
0
102030
IO (A)
5V
2.5V
1.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com