Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8796B Datasheet(PDF) 49 Page - Monolithic Power Systems

Part # MP8796B
Description  16V, 30A, Scalable, Digital, Synchronous Step-Down Converter with PMBus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8796B Datasheet(HTML) 49 Page - Monolithic Power Systems

Back Button MP8796B Datasheet HTML 44Page - Monolithic Power Systems MP8796B Datasheet HTML 45Page - Monolithic Power Systems MP8796B Datasheet HTML 46Page - Monolithic Power Systems MP8796B Datasheet HTML 47Page - Monolithic Power Systems MP8796B Datasheet HTML 48Page - Monolithic Power Systems MP8796B Datasheet HTML 49Page - Monolithic Power Systems MP8796B Datasheet HTML 50Page - Monolithic Power Systems MP8796B Datasheet HTML 51Page - Monolithic Power Systems MP8796B Datasheet HTML 52Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
MP8796B – 16V, 30A, SYNCHRONOUS STEP-DOWN CONVERTER WITH PMBUS
MP8796B Rev. 1.0
www.MonolithicPower.com
49
1/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
MFR_CTRL (EAh)
Some bits of MFR_CTRL enables or disables some functions.
Bits
Name
Access
Behavior
Default
Description
[15:11]
RESERVED
R
Live
For manufacturer use only.
[10]
Total_Oc_
hiccup_interval
R/W
Live
0
Chooses whether the interval during OCP hiccup can be
changed through register D8h.
0: Fixed OCP hiccup interval
1: Adjustable OCP hiccup interval
[9]
OSM
R/W
Live
0
Enables or disables the output sink mode (OSM) function.
0: Enable output sink mode (OSM)
1: Disable OSM
[8:4]
RESERVED
R
Live
00000
For manufacturer use only.
[3]
Phase_
operation
R/W
Live
1
Determines single-phase or multi-phase operation. The
selection of this bit affects the actual ramp amplitude
chosen
through
register
D0h[3:1].
See
the
MFR_CTRL_COMP (D0h) section on page 45 for details.
0: For single-phase operation
1: For multi-phase operation
[2:0]
RESERVED
R
Live
000
For manufacturer use only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com