Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8796B Datasheet(PDF) 34 Page - Monolithic Power Systems

Part # MP8796B
Description  16V, 30A, Scalable, Digital, Synchronous Step-Down Converter with PMBus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8796B Datasheet(HTML) 34 Page - Monolithic Power Systems

Back Button MP8796B Datasheet HTML 30Page - Monolithic Power Systems MP8796B Datasheet HTML 31Page - Monolithic Power Systems MP8796B Datasheet HTML 32Page - Monolithic Power Systems MP8796B Datasheet HTML 33Page - Monolithic Power Systems MP8796B Datasheet HTML 34Page - Monolithic Power Systems MP8796B Datasheet HTML 35Page - Monolithic Power Systems MP8796B Datasheet HTML 36Page - Monolithic Power Systems MP8796B Datasheet HTML 37Page - Monolithic Power Systems MP8796B Datasheet HTML 38Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
MP8796B – 16V, 30A, SYNCHRONOUS STEP-DOWN CONVERTER WITH PMBUS
MP8796B Rev. 1.0
www.MonolithicPower.com
34
1/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
The following registers can be stored using STORE_USER_ALL.
OPERATION (01h)
TOFF_DELAY (64h)
ON_OFF_CONFIG (02h)
MFR_REVISION (9Bh)
WRITE_PROTECT (10h)
MFR_4_DIGIT (9Dh)
VOUT_COMMAND (21h)
MFR_CTRL_COMP (D0h)
VOUT_MAX (24h)
MFR_CTRL_VOUT (D1h)
VOUT_MARGIN_HIGH (25h)
MFR_CTRL_OPS (D2h)
VOUT_MARGIN_LOW (26h)
MFR_ADDR_PMBUS (D3h)
VOUT_SCALE_LOOP (29h)
MFR_VOUT_OVP_FAULT_LIMIT (D4h)
VOUT_MIN (2Bh)
MFR_OVP_NOCP_SET (D5h)
VIN_ON (35h)
MFR_OT_OC_SET (D6h)
VIN_OFF (36h)
MFR_OC_PHASE_LIMIT (D7h)
OT_FAULT_LIMIT (4Fh)
MFR_HICCUP_ITV_SET (D8h)
OT_WARN_LIMIT (51h)
MFR_UVP_PGOOD_ON_LIMIT (D9h)
VIN_OV_FAULT_LIMIT (55h)
MFR_VOUT_STEP (DAh)
VIN_OV_WARN_LIMIT (57h)
MFR_LOW_POWER (E5h)
VIN_UV_WARN_LIMIT (58h)
MFR_CTRL (EAh)
TON_DELAY (60h)
MFR_LOW_POWER (E5h)
TON_RISE (61h)
MFR_CTRL (EAh)
RESTORE_USER_ALL (16h)
The RESTORE_USER_ALL command instructs the MP8796B to copy the entire contents of the MTP
values to the matching locations in the registers. The values in the registers are overwritten by the
value retrieved from the MTP. Any items in the MTPs that do not have matching locations in the
operating memory are ignored.
The RESTORE_USER_ALL command can be used while the MP8796B is operating. However, this is
not recommended as the MP8796B may be unresponsive during the operation with unpredictable
results.
This command is write-only.
CAPABILITY (19h)
The CAPABILITY command returns information about the PMBus functions supported by the MP8796B.
This command is read with the PMBus read byte protocol.
Command
CAPABILITY
Format
Unsigned binary
Bit
7
6
5
4
3
2
1
0
Access
R
R
R
R
R
R
R
R
Function
PEC
Max bus speed
Alert
X
X
X
X
Default Value
1
0
1
1
0
0
0
0
PEC supported, max speed 1MHz, supports PMBus alert and ARA.
Bit[6:5] Value
Meaning
0
0
Maximum supported bus speed is 100kHz.
0
1
Maximum supported bus speed is 1MHz.
1
0
Maximum supported bus speed is 400kHz.
1
1
Reserved.
The default value of 19h is 0xB0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com