Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5702BCCZN-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADRF5702BCCZN-R7
Description  Silicon Digital Attenuator, 0.125dB LSB, 8-Bit, 50MHz to 20GHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5702BCCZN-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADRF5702BCCZN-R7 Datasheet HTML 19Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 20Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 21Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 22Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 23Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 24Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 25Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 26Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
Data Sheet
ADRF5702
THEORY OF OPERATION
analog.com
Rev. A | 24 of 27
SERIAL OR PARALLEL MODE SELECTION
The ADRF5702 can be controlled in either serial or parallel mode
by setting the PS pin to high or low, respectively (see Table 9).
Table 9. Mode Selection
PS
Control Mode
Low
Parallel
High
Serial
SERIAL MODE INTERFACE
The ADRF5702 supports a 4-wire serial peripheral interface (SPI):
serial data input (SERIN), clock (CLK), serial data output (SE-
ROUT), and latch enable (LE). The serial control interface is acti-
vated when the PS pin is set to high.
The ADRF5702 attenuation states can be controlled using the 8-bit
SERIN data.
In serial mode, the SERIN data is clocked MSB first on the rising
CLK edges into the shift register. Then, LE must be toggled high to
latch the new attenuation state into the device. LE must be set to
low to clock the new SERIN data into the shift register as CLK is
masked to prevent the attenuator value from changing if LE is kept
high. See Figure 53, Figure 54, the Timing Specifications section,
and the RF Input and Output section for additional information.
Figure 53. Serial Control Timing Diagram
Figure 54. Serial Output Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com