Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5702BCCZN-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF5702BCCZN-R7
Description  Silicon Digital Attenuator, 0.125dB LSB, 8-Bit, 50MHz to 20GHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5702BCCZN-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF5702BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Data Sheet
ADRF5702
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. A | 11 of 27
Figure 3. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
D7/CLK
Parallel Control Input for 16dB Attenuator Bit (D7). Serial Clock Input (CLK). See the Theory of Operation section for more
information. See Figure 5 for the interface schematic.
2
LE
Latch Enable Input. See the Theory of Operation section for more information. See Figure 5 for the interface schematic.
3
PS
Parallel or Serial Control Interface Selection Input. See the Theory of Operation section for more information. See Figure 5 for the
interface schematic.
4, 6 to 13, 15, 16
GND
Ground. The GND pins must be connected to the RF and DC ground of the PCB.
5
ATTIN
Attenuator Input. See Figure 4 for the interface schematic. This pin is DC coupled and matched to 50Ω. A DC blocking capacitor is
necessary.
14
ATTOUT
Attenuator Output. See Figure 4 for the interface schematic. This pin is DC coupled and matched to 50Ω. A DC blocking capacitor is
necessary.
17
VDD
Positive Supply Input. See Figure 7 for the interface schematic.
18
D0
Parallel Control Input for 0.125dB Attenuator Bit (D0). See the Theory of Operation section for more information. See Figure 5 for the
interface schematic.
19
D1
Parallel Control Input for 0.25dB Attenuator Bit (D1). See the Theory of Operation section for more information. See Figure 5 for the
interface schematic.
20
D2
Parallel Control Input for 0.5dB Attenuator Bit (D2). See the Theory of Operation section for more information. See Figure 5 for the
interface schematic.
21
D3
Parallel Control Input for 1dB Attenuator Bit (D3). See the Theory of Operation section for more information. See Figure 5 for the
interface schematic.
22
D4
Parallel Control Input for 2dB Attenuator Bit (D4). See the Theory of Operation section for more information. See Figure 5 for the
interface schematic.
23
D5/SEROUT
Parallel Control Input for 4dB Attenuator Bit (D5). Serial Data Output (SEROUT). See the Theory of Operation section for more
information. See Figure 6 for the interface schematic.
24
D6/SERIN
Parallel Control Input for 8dB Attenuator Bit (D6). Serial Data Input (SERIN). See the Theory of Operation section for more
information. See Figure 5 for the interface schematic.
EPAD
Exposed pad must be connected to the RF and DC ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com