Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5702BCCZN-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADRF5702BCCZN-R7
Description  Silicon Digital Attenuator, 0.125dB LSB, 8-Bit, 50MHz to 20GHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5702BCCZN-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADRF5702BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Data Sheet
ADRF5702
SPECIFICATIONS
analog.com
Rev. A | 8 of 27
Table 2. 3.3V Electrical Specifications (Continued)
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
Input at ATTOUT
Average
Attenuation state < 8dB
27
dBm
Attenuation state ≥ 8dB
24
dBm
Peak
Attenuation state < 8dB
30
dBm
Attenuation state ≥ 8dB
27
dBm
Hot Switching
All attenuation states
24
dBm
Case Temperature
TCASE
−40
105
°C
1 For input linearity performance over frequency, see Figure 50 to Figure 51.
2 Video feedthrough is peak transient measured at the RF ports in a 50Ω test setup, without an RF signal present while switching the control voltage.
3 Device does not support intermediate supply voltage levels except for those listed in Table 2.
4 For RF power handling derating over the extended frequency range, see Figure 2.
5 For TCASE = 105°C operation, the RF power handling derates from the TCASE = 85°C specifications by 3 dB.
6 Peak: (≤100ns pulse duration, 5% duty cycle).
TIMING SPECIFICATIONS
See Figure 53, Figure 54, and Figure 55 for the timing diagrams.
Table 3. Timing Specifications
Parameter
Description
Min
Typ
Max
Unit
tSCK
Serial period, see the Serial Mode Interface section
20
ns
tCS
Control setup time, see the Serial Mode Interface section
3
ns
tCH
Control hold time, see the Serial Mode Interface section
3
ns
tLN
LE setup time, see the Serial Mode Interface section
3
ns
tLEW
LE pulse width, see the Serial Mode Interface section and the Latched Parallel Mode section
5
ns
tLES
LE pulse spacing, see the Serial Mode Interface section
150
ns
tCKN
Serial clock hold time from LE, see the Serial Mode Interface section
3
ns
tPH
Hold time, see the Latched Parallel Mode section
3
ns
tPS
Setup time, see the Latched Parallel Mode section
5
ns
tCO
Clock to output (SEROUT) time, see the Serial Mode Interface section
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com