Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5702BCCZN-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5702BCCZN-R7
Description  Silicon Digital Attenuator, 0.125dB LSB, 8-Bit, 50MHz to 20GHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5702BCCZN-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADRF5702BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Data Sheet
ADRF5702
SPECIFICATIONS
analog.com
Rev. A | 3 of 27
ELECTRICAL SPECIFICATIONS
VDD = 5V or 3.3V, control voltage (VCTRL) = 0V or 3.3V, case temperature (TCASE) = 25°C, and a 50Ω system, unless otherwise noted. VCTRL is
the voltages of the digital control input pins.
Table 1. 5V Electrical Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
f
0.05
20
GHz
INSERTION LOSS
50MHz to 6GHz
1.4
dB
6GHz to 12GHz
1.8
dB
12GHz to 20GHz
2.6
dB
RETURN LOSS
All attenuation states
ATTIN
50MHz to 6GHz
19
dB
6GHz to 12GHz
18
dB
12GHz to 20GHz
16
dB
ATTOUT
50MHz to 6GHz
20
dB
6GHz to 12GHz
20
dB
12GHz to 20GHz
18
dB
ATTENUATION
Range
Between minimum and maximum attenuation states
31.875
dB
Step Size
Between any successive attenuation states
0.125
dB
Accuracy
Referenced to insertion loss
50MHz to 20GHz
−(0.1 +
2.0% of
state) or
+(0.5% of
state)
dB
Step Error
Between any successive state
50MHz to 6GHz
−0.20 or
+0.05
dB
6GHz to 12GHz
−0.30 or
+0.05
dB
12GHz to 20GHz
−0.30 or
+0.10
dB
RELATIVE PHASE
Max attenuation state referenced to insertion loss
6GHz
20
Degrees
12GHz
41
Degrees
20GHz
70
Degrees



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com