Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5702BCCZN-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADRF5702BCCZN-R7
Description  Silicon Digital Attenuator, 0.125dB LSB, 8-Bit, 50MHz to 20GHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5702BCCZN-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADRF5702BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Data Sheet
ADRF5702
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. A | 9 of 27
Table 4. Absolute Maximum Ratings
Parameter
Rating
Positive Supply Voltage
−0.5V to +5.5V
Digital Control Inputs
Voltage
−0.3V to +3.6V
Current
3mA
RF Power1 (f = 50MHz to 18GHz, TCASE = 85°C2)
Input at ATTIN
Average (5V or 3.3V, All Attenuation States)
27.5dBm
Peak
5V, Attenuation State < 8dB
32.5dBm
5V, Attenuation State ≥ 8dB
29.5dBm
3.3V, Attenuation State < 8dB
30.5dBm
3.3V, Attenuation State ≥ 8dB
27.5dBm
Hot Switching (5V or 3.3V, All Attenuation States)
27.5dBm
Input at ATTOUT
Average
5V or 3.3V, Attenuation State < 8dB
27.5dBm
5V or 3.3V, Attenuation State ≥ 8dB
24.5dBm
Peak
5V, Attenuation State < 8dB
32.5dBm
5V, Attenuation State ≥ 8dB
29.5dBm
3.3V, Attenuation State < 8dB
30.5dBm
3.3V, Attenuation State ≥ 8dB
27.5dBm
Hot Switching (5V or 3.3V, All Attenuation States)
24.5dBm
Unbiased (VDD = 0V, Input at ATTIN and ATTOUT)
27dBm
Temperature
Junction (TJ)
135°C
Storage
−65°C to 150°C
Reflow
260°C
1 For RF power handling derating over extended frequency range, see Figure 2.
2 For TCASE = 105°C operation, the RF power handling derates from the TCASE =
85°C specifications by 3 dB.
Stresses at or above those listed under absolute maximum ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
θJC is the junction to case bottom (channel to carrier bottom)
thermal resistance.
Table 5. Thermal Resistance
Package Type
θJC1
Unit
CC-24-20
100
°C/W
1 θJC was determined by simulation under the following conditions: the heat
transfer is due solely to thermal conduction from the channel through the
round pad to the PCB, and the ground pad is held constant at the operating
temperature of 85°C.
POWER DERATING CURVES
Figure 2. Power Derating vs. Frequency, Low Frequency Detail, TCASE = 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com