Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5702BCCZN-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADRF5702BCCZN-R7
Description  Silicon Digital Attenuator, 0.125dB LSB, 8-Bit, 50MHz to 20GHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5702BCCZN-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADRF5702BCCZN-R7 Datasheet HTML 19Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 20Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 21Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 22Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 23Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 24Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 25Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 26Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
Data Sheet
ADRF5702
THEORY OF OPERATION
analog.com
Rev. A | 23 of 27
The ADRF5702 incorporates a 8-bit fixed attenuator array that
offers an attenuation range of 31.875 dB with a 0.125 dB step size.
An integrated driver provides serial or parallel mode control of the
attenuator array.
The ADRF5702 has ten digital control inputs, D0 (LSB) to D7
(MSB), LE, and PS. To select the desired attenuation state in serial
or parallel mode, refer to Table 8 and Table 9. For timing diagrams,
see Figure 53, Figure 54, and Figure 55.
POWER SUPPLY
The ADRF5702 requires a positive supply voltage applied to the
VDD pin. The device does not support supply intermediate supply
voltage levels except the values listed in the Electrical Specifica-
tions section. Bypassing capacitors are recommended on the sup-
ply line to filter high frequency noise.
The power-up sequence follows:
1. Connect GND to ground.
2. Power up the VDD voltage.
3. Power up the digital control inputs. The order of the digital
control inputs is not important. However, powering the digital
control inputs before the VDD voltage supply can inadvertently
forward bias and damage the internal ESD structures. To avoid
this damage, use a series 1kΩ resistor to limit the current
flowing into the control pins in such cases.
4. Apply an RF input signal.
The power-down sequence is the reverse order of the power-up
sequence.
Power-Up State
The ADRF5702 has internal power-on reset circuitry that sets the
attenuator to the maximum attenuation state (31.875 dB) when the
VDD voltage is applied.
RF INPUT AND OUTPUT
The power handling is defined by the ATTIN port. Refer to the RF
input power specifications in Table 1.
Table 8. Truth Table
Digital Control Input1
Attenuation State (dB)
D7
D6
D5
D4
D3
D2
D1
D0
Low
Low
Low
Low
Low
Low
Low
Low
0 (reference)
Low
Low
Low
Low
Low
Low
Low
High
0.125
Low
Low
Low
Low
Low
Low
High
Low
0.25
Low
Low
Low
Low
Low
High
Low
Low
0.5
Low
Low
Low
Low
High
Low
Low
Low
1.0
Low
Low
Low
High
Low
Low
Low
Low
2.0
Low
Low
High
Low
Low
Low
Low
Low
4.0
Low
High
Low
Low
Low
Low
Low
Low
8.0
High
Low
Low
Low
Low
Low
Low
Low
16.0
High
High
High
High
High
High
High
High
31.875
1 Any combination of the states within this table provides an attenuation equal to the sum of the bits selected.
Figure 52. Simplified Circuit Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com