Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5702BCCZN-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADRF5702BCCZN-R7
Description  Silicon Digital Attenuator, 0.125dB LSB, 8-Bit, 50MHz to 20GHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5702BCCZN-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADRF5702BCCZN-R7 Datasheet HTML 19Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 20Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 21Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 22Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 23Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 24Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 25Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 26Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
Data Sheet
ADRF5702
APPLICATIONS INFORMATION
analog.com
Rev. A | 26 of 27
The ADRF5702 has one power supply pin (VDD) and ten control
pins (PS, LE, and D0 to D7). Figure 56 shows the external com-
ponents and connections for the supply and control pins. The
supply pin (VDD) is decoupled with 100pF multilayer ceramic ca-
pacitor. Place the decoupling capacitor as close as possible to the
ADRF5702. Because the RF lines are biased at a nonzero voltage,
DC blocking capacitors are required. The device pinout allows the
placement of the decoupling capacitors close to the ADRF5702.
Refer to the Pin Configuration and Function Descriptions section for
additional information.
Figure 56. Simplified Application Circuit
RECOMMENDATIONS FOR PCB DESIGN
The RF ports are matched to 50Ω internally, and the pinout is
designed to mate a coplanar waveguide (CPWG) with a 50Ω char-
acteristic impedance on the PCB. Figure 57 shows the referenced
CPWG RF trace design for an RF substrate with 8mil thick Rogers
RO4003 dielectric material. The RF trace with a 14mil width and
a 7mil clearance is recommended for 1.5mil finished copper thick-
ness.
Figure 57. Example PCB Stack-Up
Figure 58 shows the routing of the RF traces, supply, and control
signals from the ADRF5702. The ground planes are connected with
as many filled through vias as allowed for optimal RF and thermal
performance. The primary thermal path for the device is the bottom
side.
Figure 58. PCB Routings
Figure 59 shows the recommended layout from the device RF pins
to the 50Ω CPWG on the referenced stack-up. PCB pads are drawn
1:1 to the device pads. The ground pads are drawn solder mask
defined, and the signal pads are drawn as pad defined. The RF
trace from the PCB pad is extended to the device edge and tapered
to the RF trace with a 45° angle. The paste mask is designed to
match the pad without any aperture reduction. The paste is divided
into multiple openings for the paddle.
Figure 59. Recommended ATTIN Pin and ATTOUT Pin Transitions
For alternate PCB stack-ups with different dielectric thickness and
CPWG design, contact Analog Devices, Inc., Technical Support for
further recommendations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com