Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5702BCCZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5702BCCZN-R7
Description  Silicon Digital Attenuator, 0.125dB LSB, 8-Bit, 50MHz to 20GHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5702BCCZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5702BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Data Sheet
ADRF5702
Silicon Digital Attenuator, 0.125dB LSB, 8-Bit, 50MHz to 20GHz
Rev. A
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog Devices
for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change
without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered
trademarks are the property of their respective owners. All Analog Devices products contained herein are subject to release and availability.
FEATURES
Frequency range: 50MHz to 20GHz
Attenuation range: 31.875dB with 0.125dB step size
Low insertion loss
1.4dB typical up to 6GHz (5V supply)
1.8dB typical up to 12GHz (5V supply)
2.6dB typical up to 20GHz (5V supply)
Attenuation accuracy: −(0.1 + 2.0% of attenuation state) typical
up to 20GHz
Step error: −0.30dB typical up to 20GHz (5V supply)
High linearity
Input P0.1dB
Attenuation state < 8dB: 32dBm typical (5V supply)
Attenuation state ≥ 8dB: 29dBm typical (5V supply)
Input IP3
Attenuation state < 16dB): 55dBm typical (5V supply)
Attenuation state ≥ 16dB): 50dBm typical (5V supply)
High RF power handling
27dBm average (ATTIN)
32dBm peak (5V supply, attenuation state < 8dB)
29dBm peak (5V supply, attenuation state ≥ 8dB)
27dBm hot switching
RF amplitude settling time (50% triggered control to 0.05dB of
final RF output): 140ns
Consistent return loss at all attenuation states
Single-supply operation: 5V or 3.3V
No low frequency spurs, and no internal voltage generation
Serial and parallel mode control, CMOS/LVTTL compatible
24-terminal, 4.0mm × 4.0mm, land grid array (LGA) package
APPLICATIONS
Industrial scanners
Test and instrumentation
Cellular infrastructure: 5G millimeter wave
Military radios, radars, and electronic counter measures (ECMs)
Microwave radios and very small aperture terminals (VSATs)
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The ADRF5702 is a 8-bit digital attenuator with a 31.875dB attenu-
ation range and 0.125dB step size manufactured in a silicon on
insulator (SOI) process.
This device operates from 50MHz to 20GHz with an insertion
loss lower than 2.6dB and excellent attenuation accuracy. The
ADRF5702 has RF input power handling capabilities of 27dBm
average and 29dBm peak for all states from the ATTIN pin.
The ADRF5702 requires a single-supply voltage of 5V or 3.3V. The
device does not support supply intermediate supply voltage levels
except values given in the Electrical Specifications section.
The device features serial or parallel mode control and complemen-
tary metal-oxide semiconductor (CMOS)-/low voltage transistor to
transistor logic (LVTTL)-compatible controls.
The ADRF5702 RF ports are designed to match a characteristic
impedance of 50Ω.
The ADRF5702 comes in a 24-terminal, 4.0mm × 4.0mm, land grid
array (LGA) package and can operate from −40°C to +105°C.


Similar Part No. - ADRF5702BCCZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5700 AD-ADRF5700 Datasheet
1Mb / 16P
46 dB, 2 dB LSB, 5-Bit, Silicon Digital Attenuator, 100 MHz to 22 GHz
Rev. 0
ADRF5700BCCZN AD-ADRF5700BCCZN Datasheet
1Mb / 16P
46 dB, 2 dB LSB, 5-Bit, Silicon Digital Attenuator, 100 MHz to 22 GHz
Rev. 0
ADRF5700BCCZN-R7 AD-ADRF5700BCCZN-R7 Datasheet
1Mb / 16P
46 dB, 2 dB LSB, 5-Bit, Silicon Digital Attenuator, 100 MHz to 22 GHz
Rev. 0
ADRF5703 AD-ADRF5703 Datasheet
2Mb / 19P
Silicon Digital Attenuator, 0.25dB LSB, 7-Bit, 9kHz to 20GHz
Rev. 0
ADRF5703BCCZN AD-ADRF5703BCCZN Datasheet
2Mb / 19P
Silicon Digital Attenuator, 0.25dB LSB, 7-Bit, 9kHz to 20GHz
Rev. 0
More results

Similar Description - ADRF5702BCCZN-R7

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE Datasheet
945Kb / 8P
Digital Attenuator, 6-Bit, 0.5 dB LSB step
logo
RF Micro Devices
RFSA2514 RFMD-RFSA2514 Datasheet
1Mb / 13P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 5-BIT, 0.5dB LSB
RFSA2524 RFMD-RFSA2524 Datasheet
1Mb / 13P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 5-BIT, 1dB LSB
RFSA2534 RFMD-RFSA2534 Datasheet
1,012Kb / 12P
50MHz to 4000MHz, Digital Step Attenuator
RFSA2644 RFMD-RFSA2644 Datasheet
1Mb / 12P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB LSB
RFSA3714 RFMD-RFSA3714 Datasheet
2Mb / 20P
50MHz to 6000MHz, Digital Step Attenuator
logo
Analog Devices
HMC540SLP3E AD-HMC540SLP3E Datasheet
1Mb / 12P
1 dB LSB SILICON MMIC 4-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 0.1 - 8 GHz
HMC1122 AD-HMC1122 Datasheet
612Kb / 15P
0.1 GHz to 6.0 GHz, 0.5 dB LSB, 6-Bit, Silicon Digital Attenuator
REV. 0
ADRF5731 AD-ADRF5731 Datasheet
506Kb / 17P
2 dB LSB, 4-Bit, Silicon Digital Attenuator,
9/2018-Revision 0
ADRF5740 AD-ADRF5740 Datasheet
325Kb / 13P
2 dB LSB, 4-Bit, Silicon Digital Attenuator, 10 MHz to 60 GHz
6/2020-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com