Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5702BCCZN-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF5702BCCZN-R7
Description  Silicon Digital Attenuator, 0.125dB LSB, 8-Bit, 50MHz to 20GHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5702BCCZN-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADRF5702BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5702BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Data Sheet
ADRF5702
SPECIFICATIONS
analog.com
Rev. A | 4 of 27
Table 1. 5V Electrical Specifications (Continued)
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
SWITCHING CHARACTERISTICS
All attenuation states at input power (PIN) = 10dBm,
f = 1GHz
Rise Time and Fall Time
tRISE, tFALL
10% to 90% of RF output
60
ns
On Time and Off Time
tON, tOFF
50% triggered control to 90% of RF output
100
ns
RF Amplitude Settling Time
0.1dB
50% triggered control to 0.1dB of final RF output
120
ns
0.05dB
50% triggered control to 0.05dB of final RF output
140
ns
Overshoot
Worst-case transition
1.8
dB
Undershoot
Worst-case transition
2.5
dB
RF Phase Settling Time
f = 20GHz
50% triggered control to 5° of final RF output, f =
18GHz
92
ns
50% triggered control to 1° of final RF output, f =
18GHz
100
ns
INPUT LINEARITY1
50MHz to 18GHz
0.1dB Power Compression
P0.1dB
Attenuation state < 8dB
32
dBm
Attenuation state ≥ 8dB
29
dBm
Third-Order Intercept
IP3
Two-tone PIN = 14dBm per tone, Δf = 1MHz
Attenuation state < 16dB
55
dBm
Attenuation state ≥ 16dB
50
dBm
Second-Order Intercept
IP2
Two-tone PIN = 10dBm per tone, Δf = 1MHz
Attenuation state < 16dB
98
dBm
Attenuation state ≥ 16dB
88
dBm
VIDEO FEEDTHROUGH2
2
mV p-p
DIGITAL CONTROL INPUTS
LE, PS, and D0 to D7
Voltage
Low
VINL
0
0.8
V
High
VINH
1.2
3.3
V
Current
Low
IINL
<1
µA
High
IINH
<1
µA
SUPPLY CURRENT
Positive Supply Current
IDD
VDD = 5V
3.50
mA
RECOMMENDED OPERATING CONDITIONS
Supply Voltage3
VDD
4.75
5.25
V
Digital Control Voltage
VCTRL
0
3.3
V
RF Power Handling4
f = 50MHz to 18GHz, TCASE = 85°C5, all attenuation
states
Input at ATTIN
Average
All attenuation states
27
dBm
Peak6
Attenuation state < 8dB
32
dBm
Attenuation state ≥ 8dB
29
dBm
Hot Switching
All attenuation states
27
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com