Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC34RF72 Datasheet(PDF) 21 Page - Texas Instruments

Part # ADC34RF72
Description  ADC32RF72 Dual Channel 1.5GSPS 16-bit RF Sampling ADC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC34RF72 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADC34RF72 Datasheet HTML 17Page - Texas Instruments ADC34RF72 Datasheet HTML 18Page - Texas Instruments ADC34RF72 Datasheet HTML 19Page - Texas Instruments ADC34RF72 Datasheet HTML 20Page - Texas Instruments ADC34RF72 Datasheet HTML 21Page - Texas Instruments ADC34RF72 Datasheet HTML 22Page - Texas Instruments ADC34RF72 Datasheet HTML 23Page - Texas Instruments ADC34RF72 Datasheet HTML 24Page - Texas Instruments ADC34RF72 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
Input Frequency (GHz)
0.1
1
4
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
Figure 7-4. Input Bandwidth Plot
ADC
Balun
0.1u
0.1u
60
60
1p
1p
0.1u
2n
2n
125
Figure 7-5. External Matching Network
7.3.1.2 Background Calibration
The ADC32RF72 uses internal background calibration to maintain a high AC performance over temperature. The
calibration is performed periodically and does not require any user control or input signal, and so on. During
calibration, small changes to the signal offset are observed (approximately 30LSB). This calibration can be
frozen to avoid any disturbance during measurements using SPI writes or GPIO control.
Ambient Temperature (degC)
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90
74
75
76
SNRflat w/o Cal
SNRflat with Cal
FIN = 100MHz, AIN = -1dBFS, Calibration at 25°C
Figure 7-6. SNRflat vs Temperature vs Calibration
www.ti.com
ADC32RF72
SBASAL2 – NOVEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: ADC32RF72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com