Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC34RF72 Datasheet(PDF) 49 Page - Texas Instruments

Part # ADC34RF72
Description  ADC32RF72 Dual Channel 1.5GSPS 16-bit RF Sampling ADC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC34RF72 Datasheet(HTML) 49 Page - Texas Instruments

Back Button ADC34RF72 Datasheet HTML 45Page - Texas Instruments ADC34RF72 Datasheet HTML 46Page - Texas Instruments ADC34RF72 Datasheet HTML 47Page - Texas Instruments ADC34RF72 Datasheet HTML 48Page - Texas Instruments ADC34RF72 Datasheet HTML 49Page - Texas Instruments ADC34RF72 Datasheet HTML 50Page - Texas Instruments ADC34RF72 Datasheet HTML 51Page - Texas Instruments ADC34RF72 Datasheet HTML 52Page - Texas Instruments ADC34RF72 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 74 page
background image
7.3.6.1.5 JESD204B/C Frame Assembly With Real Decimation
Table 7-21 lists the available JESD204B/C interface configurations and corresponding SerDes lane rates. The
boundary conditions are:
• JESD204B: lane rates from 4 (min) to 15Gbps (max)
• JESD204C: lane rates from 4 (min) to 24.75Gbps (max)
Examples of JESD204B/C frame assemblies are illustrated in Table 7-21 to Table 7-23.
Table 7-21. JESD Mode Options: Real Decimation
Output
Resolution
(bit)
L
M
F
S
JESD204B:
Lane Rate (Gbps)
JESD204B:
RATIO
[fSERDES/(FS/N)]
JESD204C:
Lane Rate (Gbps)
JESD204C:
RATIO
[fSERDES/(FS/N)]
16
4
2
1
1
FS x 20 x M / D / L
10
FS x 16 x 66 / 64 x
M / D / L
8.25
2
2
2
1
20
16.5
1
2
4
1
40
33
2
1
1
1
10
8.25
1
1
2
1
20
16.5
24
2
2
3
1
FS x 30 x M / D / L
30
FS x 24 x 66 / 64 x
M / D / L
24.75
1
2
6
1
60
49.5
1
1
3
1
30
24.75
D: Decimation setting
Table 7-22. Example JESD Frame Assembly: Real Decimation 16-bit output - Dual and Single Band
OUTPUT
LANE
LMFS =
4-2-1-1
LMFS =
2-2-2-1
LMFS =
1-2-4-1
LMFS =
2-1-1-1
LMFS =
1-1-2-1
STX0
A0 [15:8]
A0 [15:0]
A0 [15:0]
B0 [15:0]
A0 [15:8]
A0 [15:0]
STX1
A0 [7:0]
B0 [15:0]
A0 [7:0]
STX2
B0 [15:8]
STX3
B0 [7:0]
STX4..7
Table 7-23. Example JESD Sample Frame Assembly: Real Decimation 24-bit output - Dual and Single
Band
OUTPUT
LANE
LMFS =
2-2-3-1
LMFS =
1-2-6-1
LMFS =
1-1-3-1
STX0
A0 [23:0]
A0 [23:0]
B0 [23:0]
A0 [23:0]
STX1
B0 [23:0]
STX2..7
www.ti.com
ADC32RF72
SBASAL2 – NOVEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: ADC32RF72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com