Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC34RF72 Datasheet(PDF) 65 Page - Texas Instruments

Part # ADC34RF72
Description  ADC32RF72 Dual Channel 1.5GSPS 16-bit RF Sampling ADC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC34RF72 Datasheet(HTML) 65 Page - Texas Instruments

Back Button ADC34RF72 Datasheet HTML 61Page - Texas Instruments ADC34RF72 Datasheet HTML 62Page - Texas Instruments ADC34RF72 Datasheet HTML 63Page - Texas Instruments ADC34RF72 Datasheet HTML 64Page - Texas Instruments ADC34RF72 Datasheet HTML 65Page - Texas Instruments ADC34RF72 Datasheet HTML 66Page - Texas Instruments ADC34RF72 Datasheet HTML 67Page - Texas Instruments ADC34RF72 Datasheet HTML 68Page - Texas Instruments ADC34RF72 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 74 page
background image
8.5 Power Supply Recommendations
The device requires 3 different power supply voltages: the internal analog circuitry operate off 1.8V and 1.2V
rails while the digital logic uses a 0.9V rail. Figure 8-11 shows a typical power supply example using a switching
regulator for the digital 0.9V supply and low noise LDOs for the analog supplies. The voltage regulators must be
sequenced for both power up and power down as shown in Section 8.4.
High Current DC/DC
(TPSM82916)
DVDD09
0.9V @ 3A
(typical use case)
Low Noise LDO
(TPS7A9601)
AVDD12
1.2V @ 2A
(typical use case)
Low Noise LDO
(TPS7A94)
AVDDCLK12
1.2V @ 1A
(typical use case)
Low Noise LDO
(TPS7A9601)
AVDD18
1.8V @ 2A
(typical use case)
AVDDGPIO18
Low Noise LDO
(TPS7A9601)
AVDDCLK18
1.8V @ 2A
(typical use case)
Figure 8-11. Power supply rails and regulator examples
Frequency of Signal (MHz)
0.02
0.1
1
-90
-80
-70
-60
-50
AVDDCLK18
AVDDCLK12
AVDD18
AVDD12
Figure 8-12. PSRR
www.ti.com
ADC32RF72
SBASAL2 – NOVEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
65
Product Folder Links: ADC32RF72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com