Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC34RF72 Datasheet(PDF) 13 Page - Texas Instruments

Part # ADC34RF72
Description  ADC32RF72 Dual Channel 1.5GSPS 16-bit RF Sampling ADC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC34RF72 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADC34RF72 Datasheet HTML 9Page - Texas Instruments ADC34RF72 Datasheet HTML 10Page - Texas Instruments ADC34RF72 Datasheet HTML 11Page - Texas Instruments ADC34RF72 Datasheet HTML 12Page - Texas Instruments ADC34RF72 Datasheet HTML 13Page - Texas Instruments ADC34RF72 Datasheet HTML 14Page - Texas Instruments ADC34RF72 Datasheet HTML 15Page - Texas Instruments ADC34RF72 Datasheet HTML 16Page - Texas Instruments ADC34RF72 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
5.9 Typical Characteristics (continued)
Typical values are at TA = 25°C, ADC sampling rate = 1.5GSPS, 50% clock duty cycle, nominal supplies and –1dBFS
differential input, 100Ω termination, unless otherwise noted
Input Frequency (MHz)
0
150
300
450
600
750
-120
-100
-80
-60
-40
-20
0
AIN = -20dBFS/tone
Figure 5-7. Two Tone FFT at FIN = 100/200MHz
Input Frequency (MHz)
0
150
300
450
600
750
-120
-100
-80
-60
-40
-20
0
AIN = -7dBFS/tone
Figure 5-8. Two Tone FFT at FIN = 900/1000MHz
Input Frequency (MHz)
0
150
300
450
600
750
-120
-100
-80
-60
-40
-20
0
AIN = -20dBFS/tone
Figure 5-9. Two Tone FFT at FIN = 900/1000MHz
Input Frequency (MHz)
0
250
500
750
1000
1250
1500
68
50
69
55
70
60
71
65
72
70
73
75
74
80
75
85
76
90
77
95
78
100
SNRflat
HD23
Non HD23
Figure 5-10. AC Performance vs FIN
Input Frequency (MHz)
0
250
500
750
1000
1250
1500
-165
-164
-163
-162
-161
-160
-159
-158
-157
-156
-155
AIN = -1dBFS
AIN = -20dBFS
Termination = 50ohm
Figure 5-11. NSD Performance vs FIN
Input Amplitude (dBFS)
-80
-70
-60
-50
-40
-30
-20
-10
0
73
70
74
80
75
90
76
100
77
110
78
120
79
130
SNRflat
HD23
Non HD23
FIN = 100MHz
Figure 5-12. AC Performance vs AIN
www.ti.com
ADC32RF72
SBASAL2 – NOVEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: ADC32RF72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com