Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC34RF72 Datasheet(PDF) 39 Page - Texas Instruments

Part # ADC34RF72
Description  ADC32RF72 Dual Channel 1.5GSPS 16-bit RF Sampling ADC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC34RF72 Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADC34RF72 Datasheet HTML 35Page - Texas Instruments ADC34RF72 Datasheet HTML 36Page - Texas Instruments ADC34RF72 Datasheet HTML 37Page - Texas Instruments ADC34RF72 Datasheet HTML 38Page - Texas Instruments ADC34RF72 Datasheet HTML 39Page - Texas Instruments ADC34RF72 Datasheet HTML 40Page - Texas Instruments ADC34RF72 Datasheet HTML 41Page - Texas Instruments ADC34RF72 Datasheet HTML 42Page - Texas Instruments ADC34RF72 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
7.3.5.5.3 Decimation Filter Response
This section provides the different decimation filter responses with a normalized ADC sampling rate. The
complex filter pass band is approximately 80% (−0.1dB) of the decimated bandwidth with a minimum of 85dB
stop band rejection.
The decimation filter responses are normalized to the ADC sampling clock frequency FS. One example
(decimation by 4) is illustrated in Figure 7-28 and Figure 7-29. The filter responses for all other decimation
filter plots are available in the product folder.
The decimation filter plots are interpreted as follows: Each figure contains the filter pass-band, transition bands
and alias or stop-bands as shown in Figure 7-27. The x-axis shows the offset frequency (after the NCO
frequency shift) normalized to the ADC sampling rate FS.
For example, in the divide-by-4 complex setup, the output data rate is FS / 4 complex with a Nyquist zone of FS /
8 or 0.125 × FS. The transition band (colored in blue) is centered around 0.125 × FS and the alias transition band
is centered at 0.375 × FS. The stop-bands (colored in red), which alias on top of the pass-band, are centered at
0.25 × FS and 0.5 × FS. The stop-band attenuation is greater than 85dB.
Figure 7-27. Interpretation of the Decimation Filter Plots
Figure 7-28. Decimation by 4 Filter Response
Figure 7-29. Decimation by 4 Passband Ripple
Response
www.ti.com
ADC32RF72
SBASAL2 – NOVEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: ADC32RF72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com