Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC34RF72 Datasheet(PDF) 28 Page - Texas Instruments

Part # ADC34RF72
Description  ADC32RF72 Dual Channel 1.5GSPS 16-bit RF Sampling ADC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC34RF72 Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADC34RF72 Datasheet HTML 24Page - Texas Instruments ADC34RF72 Datasheet HTML 25Page - Texas Instruments ADC34RF72 Datasheet HTML 26Page - Texas Instruments ADC34RF72 Datasheet HTML 27Page - Texas Instruments ADC34RF72 Datasheet HTML 28Page - Texas Instruments ADC34RF72 Datasheet HTML 29Page - Texas Instruments ADC34RF72 Datasheet HTML 30Page - Texas Instruments ADC34RF72 Datasheet HTML 31Page - Texas Instruments ADC34RF72 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 74 page
background image
7.3.5.2 Fractional Delay
The device includes an optional programmable 12-bit fractional digital delay after the DSP input mux (see Figure
7-13). There are two independent digital fractional delay blocks - FDF0 and FDF1. Each FDF block is connected
to two input streams (dsp_in[1:0] or dsp_in[3:2]) where each input stream has a programmable fractional delay
value, td00 and td01 for dsp_in[1:0] and td10 and td11 for dsp_in[3:2]. The FDF blocks output a total of four data
streams (fdf_out[3:0]) where each output stream corresponds to a distinct fractionally delayed input stream.
The fractional delay is a true time delay implementation with a linear phase across frequencies. The fractional
delay calculates to:
Fractional Delay [sampling clock period] = Delay / 4096x TS (sampling period).
dsp_in[0]
td00
dsp_in[1]
td01
dsp_in[2]
td10
dsp_in[3]
td11
FDF0
FDF1
fdf_out[1:0]
DSP
IN
MUX
fdf_out[3:2]
Figure 7-13. Fractional Delay Feature
As an example, a setting of 2048 equals ½ a clock cycle delay as shown in Figure 7-14. The magnitude error is
less than −80dB (vs desired delay).
Sample
0
2
4
6
8
10
12
14
16
18
20
-1
-0.5
0
0.5
1
1.5
Input Signal
Actual output
Figure 7-14. Fractional delay = ½ clock cycle
(delay setting = 2048)
Sample Index
0
5
10
15
20
-0.001
-0.0008
-0.0006
-0.0004
-0.0002
0
0.0002
0.0004
0.0006
0.0008
0.001
Figure 7-15. Error magnitude
(desired vs actual waveform)
ADC32RF72
SBASAL2 – NOVEMBER 2025
www.ti.com
28
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ADC32RF72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com