Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC34RF72 Datasheet(PDF) 36 Page - Texas Instruments

Part # ADC34RF72
Description  ADC32RF72 Dual Channel 1.5GSPS 16-bit RF Sampling ADC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC34RF72 Datasheet(HTML) 36 Page - Texas Instruments

Back Button ADC34RF72 Datasheet HTML 32Page - Texas Instruments ADC34RF72 Datasheet HTML 33Page - Texas Instruments ADC34RF72 Datasheet HTML 34Page - Texas Instruments ADC34RF72 Datasheet HTML 35Page - Texas Instruments ADC34RF72 Datasheet HTML 36Page - Texas Instruments ADC34RF72 Datasheet HTML 37Page - Texas Instruments ADC34RF72 Datasheet HTML 38Page - Texas Instruments ADC34RF72 Datasheet HTML 39Page - Texas Instruments ADC34RF72 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 74 page
background image
7.3.5.5.2 Decimation Modes
There are 2 different decimation modes supported and all 8x DDCs must be configured to the same mode:
• Real decimation: The real input is low pass filtered and the filter output is down sampled by the decimation
factor (M). The output of the DDC block in this mode is a real signal and detailed DDC chain is shown in
Figure 7-23.
• Complex decimation with real input: The DDC is given a real input that is mixed with an NCO to produce a
complex output. The complex output is low pass filtered and down sampled by the decimation factor (M). The
output of the DDC block in this mode is a complex signal and detailed DDC chain is shown in Figure 7-25.
Each DDC has an enable control signal. If the DDC is disabled, the output is zero. The following blocks are part
of the DDC signal chain:
• Decimation: The possible decimation factors are B x 2N where the base factor B can be 1, 3 or 5 and N can
be a maximum of 15 for B = 1, 5 for B = 3 and 4 for B = 5.
When the base factor is 3 or 5, all the DDCs must share the same decimation factor setting. However,
when the base factor is 1 (decimations factors that are powers of 2), having an independent decimation
factors per DDC is possible since each DDC has a samples repeater block. When each DDC is configured
to a different decimation factor, the samples repeater for each DDC is adjusted so that all the DDC outputs
are rate matched to highest data rate DDC. For example, if two DDCs are active and one is configured in
decimation by 4 and the other in decimation by 16, the DDC configured for decimation by 16 automatically
gets rate matched to the decimation by 4 rate by repeating the samples by a factor of 4. Upon successful
configuration, the repeat factor can be readback for each DDC.
Note
Independent decimation factors are not supported when any DDC is configured for decimation by 2.
When decimation by 2 is used all other DDCs must be also be set to by 2.
Repeat Factor: The repeat factor is adjusted automatically for each DDC in cases where the effective JESD
line rate is below the lower threshold of 4Gbps. The repeat factor block is not available with base factors of 3
and 5.
• DDC_PFIR: The ADC32RF72 has an integrated programmable FIR filter block in the decimation chain where
the last stage filter is completely programmable. This feature is only available with decimation factors that are
powers of 2 (B = 1). The block is referred to as the DDC_PFIR. Each DDC_PFIR has up to 96 total taps
(across both inputs in complex decimation) with 17-bit resolution.
• DDC coarse gain (G): The fixed digital gain can be applied to each DDC path where the gain G is an
element of {0dB, 3dB, 6dB} and controllable for each DDC through the ddc_coarse_gain[7:0] signal.
• DDC_EQ: The DDC_EQ supports all the same modes the as the Digital DSP EQ.
Note
This EQ is not available for decimation factors of 2 and 3.
• DDC_COMPLEX_GAIN: Each DDC has a programmable complex gain. In real decimation mode, only the
real part of the gain is applied. The gain is in steps of 0.1dB from 0dB to 6dB; an independent gain setting is
available for the real and imaginary parts.
2
ddc_pfir_en[7:0]
ddc_in_real[7:0]
DDC_PFIR[7:0]
LAST
STAGE
MUX[7:0]
decimation_factor[7:0]
DDC_EQ[7:0]
DDC
EQ
MUX[7:0]
ddc_eq_en[7:0]
G ∈ {0dB, 3dB, 6dB}
ddc_coarse_gain[7:0]
ddc_out[7:0]
DDC_COMPLEX_GAIN
ddc_real_gain[7:0]
B*2
N-1
Figure 7-23. Real Decimation Signal Chain (decimation factors that are powers of 2 (B = 1))
ADC32RF72
SBASAL2 – NOVEMBER 2025
www.ti.com
36
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ADC32RF72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com