Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC34RF72 Datasheet(PDF) 56 Page - Texas Instruments

Part # ADC34RF72
Description  ADC32RF72 Dual Channel 1.5GSPS 16-bit RF Sampling ADC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC34RF72 Datasheet(HTML) 56 Page - Texas Instruments

Back Button ADC34RF72 Datasheet HTML 52Page - Texas Instruments ADC34RF72 Datasheet HTML 53Page - Texas Instruments ADC34RF72 Datasheet HTML 54Page - Texas Instruments ADC34RF72 Datasheet HTML 55Page - Texas Instruments ADC34RF72 Datasheet HTML 56Page - Texas Instruments ADC34RF72 Datasheet HTML 57Page - Texas Instruments ADC34RF72 Datasheet HTML 58Page - Texas Instruments ADC34RF72 Datasheet HTML 59Page - Texas Instruments ADC34RF72 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 74 page
background image
7.4.1 Device Operating Mode Comparison
Following are comparison measurements of the different operating modes for the same input signal configuration.
Input Frequency (MHz)
0
150
300
450
600
750
-120
-100
-80
-60
-40
-20
0
FIN = 125MHz, AIN = -1dBFS, SNRflat = 74.8dBFS
Figure 7-38. Single tone FFT, Normal Mode
Input Frequency (MHz)
0
250
500
750
-120
-100
-80
-60
-40
-20
0
FIN = 125MHz, AIN = -20dBFS, SNRflat = 75.5dBFS
Figure 7-39. Single tone FFT, Normal Mode
Input Frequency (MHz)
0
250
500
750
-120
-100
-80
-60
-40
-20
0
FIN = 125MHz, AIN = -1dBFS, SNRflat = 77.5dBFS
Figure 7-40. Single tone FFT, 2x Average Mode
Input Frequency (MHz)
0
250
500
750
-120
-100
-80
-60
-40
-20
0
FIN = 200MHz, AIN = -20dBFS, SNRflat = 78.2dBFS
Figure 7-41. Single tone FFT, 2x Average Mode
ADC32RF72
SBASAL2 – NOVEMBER 2025
www.ti.com
56
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ADC32RF72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com