Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC34RF72 Datasheet(PDF) 7 Page - Texas Instruments

Part # ADC34RF72
Description  ADC32RF72 Dual Channel 1.5GSPS 16-bit RF Sampling ADC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC34RF72 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADC34RF72 Datasheet HTML 3Page - Texas Instruments ADC34RF72 Datasheet HTML 4Page - Texas Instruments ADC34RF72 Datasheet HTML 5Page - Texas Instruments ADC34RF72 Datasheet HTML 6Page - Texas Instruments ADC34RF72 Datasheet HTML 7Page - Texas Instruments ADC34RF72 Datasheet HTML 8Page - Texas Instruments ADC34RF72 Datasheet HTML 9Page - Texas Instruments ADC34RF72 Datasheet HTML 10Page - Texas Instruments ADC34RF72 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 74 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Supply voltage range, AVDD18
–0.5
2.1
V
Supply voltage range, AVDD12
–0.3
1.4
Supply voltage range, AVDDCLK18
–0.5
2.1
Supply voltage range, AVDDCLK12
–0.3
1.4
Supply voltage range, DVDD09
–0.3
1.2
Supply voltage range, AVDDGPIO18
–0.5
2.1
Voltage applied to input pins
IN0P/N, IN1P/N, IN2P/N, IN3P/N
–0.5
2.1
CLKP/N
–0.3
1.4
SYSREFP/N, TIMESTAMPP/N
–0.3
2.1
GPIO1..23, RESET, SCLK, SEN, SDIO, SYNC
–0.5
2.1
Junction temperature, TJ
125
℃
Storage temperature, Tstg
–65
150
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
1000
V
Charged device model (CDM), per ANSI/ESDA/JEDEC JS-002(2)
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
5.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
AVDD18
1.8 V analog supply
1.75
1.8
1.85
V
AVDD12
1.2 V analog supply
1.175
1.2
1.225
AVDDCLK18
1.8 V clock supply
1.75
1.8
1.85
AVDDCLK12
1.2 V clock supply
1.175
1.2
1.225
DVDD09
0.9 V digital supply
0.875
0.9
0.925
AVDDGPIO18 1.8 V GPIO Power Supply
1.75
1.8
1.85
TA
Operating free-air temperature
–40
105
℃
TJ
Operating junction temperature
110(1)
(1)
Prolonged use above this junction temperature can increase the device failure-in-time (FIT) rate.
www.ti.com
ADC32RF72
SBASAL2 – NOVEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: ADC32RF72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com