Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1046AI-DCI Datasheet(PDF) 17 Page - Texas Instruments

Part # TUSB1046AI-DCI
Description  TUSB1046A-DCI USB Type-C™ DisplayPort™ ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1046AI-DCI Datasheet(HTML) 17 Page - Texas Instruments

Back Button TUSB1046AI-DCI Datasheet HTML 13Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 14Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 15Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 16Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 17Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 18Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 19Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 20Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
17
TUSB1046A-DCI
www.ti.com
SLLSF13B – JUNE 2017 – REVISED MAY 2019
Product Folder Links: TUSB1046A-DCI
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
NOTE
All four-level inputs are latched on rising edge of internal reset. After tcfg_hd, the internal
pull-up and pull-down resistors will be isolated in order to save power.
8.3.4 Receiver Linear Equalization
The purpose of receiver equalization is to compensate for channel insertion loss and inter-symbol interference in
the system before the input of the TUSB1046A-DCI. The receiver overcomes these losses by attenuating the low
frequency components of the signals with respect to the high frequency components. The proper gain setting
should be selected to match the channel insertion loss before the input of the TUSB1046A-DCI receivers. Two 4-
level inputs pins enable up to 16 possible equalization settings. USB3.1 upstream path, USB3.1 downstream
path, and DisplayPort each have their own two 4-level inputs. The TUSB1046A-DCI also provides the flexibility of
adjusting settings through I2C registers.
8.4 Device Functional Modes
8.4.1 Device Configuration in GPIO Mode
The TUSB1046A-DCI is in GPIO configuration when I2C_EN = “0”. The TUSB1046A-DCI supports the following
configurations: USB 3.1 only, 2 DisplayPort lanes + USB 3.1, or 4 DisplayPort lanes (no USB 3.1). The CTL1 pin
controls whether DisplayPort is enabled. The combination of CTL1 and CTL0 selects between USB 3.1 only, 2
lanes of DisplayPort, or 4-lanes of DisplayPort as detailed in Table 2. The AUXp or AUXn to SBU1 or SBU2
mapping is controlled based on Table 3.
After power-up (VCC from 0 V to 3.3 V), the TUSB1046A-DCI defaults to USB3.1 mode. The USB PD controller
upon detecting no device attached to Type-C port or USB3.1 operation not required by attached device must
take TUSB1046A-DCI out of USB3.1 mode by transitioning the CTL0 pin from L to H and back to L.
Table 2. GPIO Configuration Control
CTL1 PIN
CTL0 PIN
FLIP PIN
TUSB1046A-DCI CONFIGURATION
VESA DisplayPort ALT MODE
DFP_D CONFIGURATION
L
L
L
Power Down
—
L
L
H
Power Down
—
L
H
L
One Port USB 3.1 - No Flip
—
L
H
H
One Port USB 3.1 – With Flip
—
H
L
L
4 Lane DP - No Flip
C and E
H
L
H
4 Lane DP – With Flip
C and E
H
H
L
One Port USB 3.1 + 2 Lane DP- No Flip
D and F
H
H
H
One Port USB 3.1 + 2 Lane DP– With Flip
D and F
Table 3. GPIO AUXp or AUXn to SBU1 or SBU2 Mapping
CTL1 PIN
FLIP PIN
MAPPING
H
L
AUXp
→ SBU1
AUXn
→ SBU2
H
H
AUXp
→ SBU2
AUXn
→ SBU1
L > 2 ms
X
Open
Table 4 Details the TUSB1046A-DCI’s mux routing. This table is valid for both I2C and GPIO configuration
modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com