Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1046AI-DCI Datasheet(PDF) 7 Page - Texas Instruments

Part # TUSB1046AI-DCI
Description  TUSB1046A-DCI USB Type-C™ DisplayPort™ ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1046AI-DCI Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB1046AI-DCI Datasheet HTML 3Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 4Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 5Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 6Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 7Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 8Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 9Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 10Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
7
TUSB1046A-DCI
www.ti.com
SLLSF13B – JUNE 2017 – REVISED MAY 2019
Product Folder Links: TUSB1046A-DCI
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
6.7 AC Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
USB Gen 2 Differential Receiver (RX1P/N, RX2P/N, SSTXP/N)
V(RX-DIFF-PP)
Input differential peak-peak voltage
swing linear dynamic range
AC-coupled differential peak-to-peak
signal measured post CTLE through a
reference channel
2000
mVpp
V(RX-DC-CM)
Common-mode voltage bias in the
receiver (DC)
0
V
R(RX-DIFF-DC)
Differential input impedance (DC)
Present after a GEN2 device is
detected on TXP/TXN
72
120
Ω
R(RX-CM-DC)
Receiver DC common mode
impedance
Present after a GEN2 device is
detected on TXP/TXN
18
30
Ω
Z(RX-HIGH-IMP-DC-POS)
Common-mode input impedance with
termination disabled (DC)
Present when no GEN2 device is
detected on TXP/TXN. Measured over
the range of 0-500mV with respect to
GND.
25
kΩ
V(SIGNAL-DET-DIFF-PP)
Input differential peak-to-peak signal
detect assert level
At 10 Gbps, no input loss, PRBS7
pattern
80
mV
V(RX-IDLE-DET-DIFF-PP)
Input differential peak-to-peak signal
detect de-assert Level
At 10 Gbps, no input loss, PRBS7
pattern
60
mV
V(RX-LFPS-DET-DIFF-PP)
Low frequency periodic signaling
(LFPS) detect threshold
Below the minimum is squelched
100
300
mV
V(RX-CM-AC-P)
Peak RX AC common-mode voltage
Measured at package pin
150
mV
C(RX)
RX input capacitance to GND
At 5 GHz
0.5
1
pF
RL(RX-DIFF)
Differential return Loss
50 MHz – 1.25 GHz at 90 Ω
–19
dB
5 GHz at 90 Ω
–10
dB
RL(RX-CM)
Common-mode return loss
50 MHz – 5 GHz at 90 Ω
–10
dB
EQ(SS_TX)
Receiver equalization for upstream
facing port
SSEQ[1:0] at 5 GHz
11
dB
EQ(SS_RX)
Receiver equalization for downstream
facing ports
EQ[1:0] at 5 GHz
9
dB
USB Gen 2 Differential Transmitter (TX1P/N, TX2P/N, SSRXP/N)
VTX(DIFF-PP)
Transmitter dynamic differential voltage swing range.
1600
mVPP
VTX(RCV-DETECT)
Amount of voltage change allowed during receiver detection
600
mV
VTX(CM-IDLE-DELTA)
Transmitter idle common-mode voltage change while in U2/U3 and not actively
transmitting LFPS
–600
600
mV
VTX(DC-CM)
Common-mode voltage bias in the transmitter (DC)
1.75
V
VTX(CM-AC-PP-ACTIVE)
Tx AC common-mode voltage active
Max mismatch from Txp + Txn for both
time and amplitude
100
mVPP
VTX(IDLE-DIFF-AC-PP)
AC electrical idle differential peak-to-
peak output voltage
At package pins
0
10
mV
VTX(IDLE-DIFF-DC)
DC electrical idle differential output
voltage
At package pins after low pass filter to
remove AC component
0
14
mV
VTX(CM-DC-ACTIVE-IDLE-
DELTA)
Absolute DC common-mode voltage
between U1 and U0
At package pin
200
mV
RTX(DIFF)
Differential impedance of the driver
75
120
Ω
CAC(COUPLING)
AC coupling capacitor
75
265
nF
RTX(CM)
Common-mode impedance of the
driver
Measured with respect to AC ground
over
0–500 mV
18
30
Ω
ITX(SHORT)
TX short circuit current
TX± shorted to GND
67
mA
CTX(PARASITIC)
TX input capacitance for return loss
At package pins, at 5 GHz
1.25
pF
RLTX(DIFF)
Differential return loss
50 MHz – 1.25 GHz at 90 Ω
-15
dB
5 GHz at 90 Ω
-13
dB
RLTX(CM)
Common-mode return loss
50 MHz – 5 GHz at 90 Ω
-13
dB
AC Characteristics
Crosstalk
Differential crosstalk between TX and
RX signal pairs
at 5 GHz
–30
dB
C(P1dB-LF)
Low frequency 1-dB compression
point
at 100 MHz, 200 mVPP < VID
< 2000 mVPP
1300
mVPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com