Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1046AI-DCI Datasheet(PDF) 47 Page - Texas Instruments

Part # TUSB1046AI-DCI
Description  TUSB1046A-DCI USB Type-C™ DisplayPort™ ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1046AI-DCI Datasheet(HTML) 47 Page - Texas Instruments

Back Button TUSB1046AI-DCI Datasheet HTML 40Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 41Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 42Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 43Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 44Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 45Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 46Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 47Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 48Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
40X (0.6)
40X (0.2)
36X (0.4)
(5.8)
(3.8)
6X (1.3)
6X
(0.695)
4X (1.5)
(R
) TYP
0.05
6X
(1.19)
WQFN - 0.8 mm max height
RNQ0040A
PLASTIC QUAD FLATPACK - NO LEAD
4222125/B 01/2016
NOTES: (continued)
5. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
SYMM
METAL
TYP
SOLDER PASTE EXAMPLE
BASED ON 0.1 mm THICK STENCIL
EXPOSED PAD
73% PRINTED SOLDER COVERAGE BY AREA
SCALE:18X
SYMM
1
8
9
20
21
28
29
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com