Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1046AI-DCI Datasheet(PDF) 26 Page - Texas Instruments

Part # TUSB1046AI-DCI
Description  TUSB1046A-DCI USB Type-C™ DisplayPort™ ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1046AI-DCI Datasheet(HTML) 26 Page - Texas Instruments

Back Button TUSB1046AI-DCI Datasheet HTML 22Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 23Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 24Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 25Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 26Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 27Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 28Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 29Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
26
TUSB1046A-DCI
SLLSF13B – JUNE 2017 – REVISED MAY 2019
www.ti.com
Product Folder Links: TUSB1046A-DCI
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
8.6.5 DisplayPort Control/Status Registers (address = 0x13) [reset = 00000000]
Figure 23. DisplayPort Control/Status Registers (0x13)
7
6
5
4
3
2
1
0
AUX_SNOOP_
DISABLE
Reserved
AUX_SBU_OVR
DP3_DISABLE
DP2_DISABLE
DP1_DISABLE
DP0_DISABLE
R/W
R
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 15. DisplayPort Control/Status Registers (0x13)
Bit
Field
Type
Reset
Description
7
AUX_SNOOP_DISABLE
R/W
0
0 – AUX snoop enabled. (Default)
1 – AUX snoop disabled.
6
Reserved
R
0
Reserved
5:4
AUX_SBU_OVR
R/W
00
This field overrides the AUXp or AUXn to SBU1 or SBU2
connect and disconnect based on CTL1 and FLIP. Changing this
field to 1’b1 will allow traffic to pass through AUX to SBU
regardless of the state of CTLSEL1 and FLIPSEL register
00 – AUX to SBU connect/disconnect determined by CTLSEL1
and FLIPSEL (Default)
01 – AUXp -> SBU1 and AUXn -> SBU2 connection always
enabled.
10 – AUXp -> SBU2 and AUXn -> SBU1 connection always
enabled.
11 = AUX to SBU open.
3
DP3_DISABLE
R/W
0
When AUX_SNOOP_DISABLE = 1’b1, this field can be used to
enable or disable DP lane 3. When AUX_SNOOP_DISABLE =
1’b0, changes to this field will have no effect on lane 3
functionality.
0 – DP Lane 3 Enabled (default)
1 – DP Lane 3 Disabled.
2
DP2_DISABLE
R/W
0
When AUX_SNOOP_DISABLE = 1’b1, this field can be used to
enable or disable DP lane 2. When AUX_SNOOP_DISABLE =
1’b0, changes to this field will have no effect on lane 2
functionality.
0 – DP Lane 2 Enabled (default)
1 – DP Lane 2 Disabled.
1
DP1_DISABLE
R/W
0
When AUX_SNOOP_DISABLE = 1’b1, this field can be used to
enable or disable DP lane 1. When AUX_SNOOP_DISABLE =
1’b0, changes to this field will have no effect on lane 1
functionality.
0 – DP Lane 1 Enabled (default)
1 – DP Lane 1 Disabled.
0
DP0_DISABLE
R/W
0
DISABLE. When AUX_SNOOP_DISABLE = 1’b1, this field can
be used to enable or disable DP lane 0. When
AUX_SNOOP_DISABLE = 1’b0, changes to this field will have
no effect on lane 0 functionality.
0 – DP Lane 0 Enabled (default)
1 – DP Lane 0 Disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com