Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1046AI-DCI Datasheet(PDF) 22 Page - Texas Instruments

Part # TUSB1046AI-DCI
Description  TUSB1046A-DCI USB Type-C™ DisplayPort™ ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1046AI-DCI Datasheet(HTML) 22 Page - Texas Instruments

Back Button TUSB1046AI-DCI Datasheet HTML 18Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 19Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 20Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 21Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 22Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 23Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 24Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 25Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
22
TUSB1046A-DCI
SLLSF13B – JUNE 2017 – REVISED MAY 2019
www.ti.com
Product Folder Links: TUSB1046A-DCI
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
8.5 Programming
For further programmability, the TUSB1046A-DCI can be controlled using I2C. The SCL and SDA pins are used
for I2C clock and I2C data respectively.
Table 9. TUSB1046A-DCI I2C Target Address
DPEQ0/A1
PIN LEVEL
SSEQ0/A0
PIN LEVEL
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (W/R)
0
0
1
0
0
0
1
0
0
0/1
0
R
1
0
0
0
1
0
1
0/1
0
F
1
0
0
0
1
1
0
0/1
0
1
1
0
0
0
1
1
1
0/1
R
0
0
1
0
0
0
0
0
0/1
R
R
0
1
0
0
0
0
1
0/1
R
F
0
1
0
0
0
1
0
0/1
R
1
0
1
0
0
0
1
1
0/1
F
0
0
0
1
0
0
0
0
0/1
F
R
0
0
1
0
0
0
1
0/1
F
F
0
0
1
0
0
1
0
0/1
F
1
0
0
1
0
0
1
1
0/1
1
0
0
0
0
1
1
0
0
0/1
1
R
0
0
0
1
1
0
1
0/1
1
F
0
0
0
1
1
1
0
0/1
1
1
0
0
0
1
1
1
1
0/1
The following procedure should be followed to write to TUSB1046A-DCI I2C registers:
1. The master initiates a write operation by generating a start condition (S), followed by the TUSB1046A-DCI 7-
bit address and a zero-value “W/R” bit to indicate a write cycle.
2. The TUSB1046A-DCI acknowledges the address cycle.
3. The master presents the sub-address (I2C register within TUSB1046A-DCI) to be written, consisting of one
byte of data, MSB-first.
4. The TUSB1046A-DCI acknowledges the sub-address cycle.
5. The master presents the first byte of data to be written to the I2C register.
6. The TUSB1046A-DCI acknowledges the byte transfer.
7. The master may continue presenting additional bytes of data to be written, with each byte transfer completing
with an acknowledge from the TUSB1046A-DCI.
8. The master terminates the write operation by generating a stop condition (P).
The following procedure should be followed to read the TUSB1046A-DCI I2C registers:
1. The master initiates a read operation by generating a start condition (S), followed by the TUSB1046A-DCI 7-
bit address and a one-value “W/R” bit to indicate a read cycle.
2. The TUSB1046A-DCI acknowledges the address cycle.
3. The TUSB1046A-DCI transmit the contents of the memory registers MSB-first starting at register 00h or last
read sub-address+1. If a write to the T I2C register occurred prior to the read, then the TUSB1046A-DCI shall
start at the sub-address specified in the write.
4. The TUSB1046A-DCI shall wait for either an acknowledge (ACK) or a not-acknowledge (NACK) from the
master after each byte transfer; the I2C master acknowledges reception of each data byte transfer.
5. If an ACK is received, the TUSB1046A-DCI transmits the next byte of data.
6. The master terminates the read operation by generating a stop condition (P).
The following procedure should be followed for setting a starting sub-address for I2C reads:
1. The master initiates a write operation by generating a start condition (S), followed by the TUSB1046A-DCI 7-
bit address and a zero-value “W/R” bit to indicate a write cycle.
2. The TUSB1046A-DCI acknowledges the address cycle.
3. The master presents the sub-address (I2C register within TUSB1046A-DCI) to be written, consisting of one
byte of data, MSB-first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com