Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1046AI-DCI Datasheet(PDF) 11 Page - Texas Instruments

Part # TUSB1046AI-DCI
Description  TUSB1046A-DCI USB Type-C™ DisplayPort™ ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1046AI-DCI Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB1046AI-DCI Datasheet HTML 7Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 8Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 9Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 10Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 11Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 12Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 13Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 14Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
Time (20.57 ps/Div)
Time (16.67 ps/Div)
Frequency (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
5
0.01
0.1
1
10
D007
DP0
DP1
DP2
DP3
SSTX
RX1
RX2
Frequency (GHz)
-30
-25
-20
-15
-10
-5
0
5
0.01
0.1
1
10
D008
RX1
RX2
TX1
TX2
SSRX
11
TUSB1046A-DCI
www.ti.com
SLLSF13B – JUNE 2017 – REVISED MAY 2019
Product Folder Links: TUSB1046A-DCI
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 7. Input Return Loss Performance
Figure 8. Output Return Loss Performance
Figure 9. DisplayPort HBR3 Eye-Pattern Performance with
12-inch Input PCB Trace at 8.1 Gbps
Figure 10. USB 3.1 Gen2 Eye-Pattern Performance with
12-inch Input PCB Trace at 10 Gbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com