Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1046AI-DCI Datasheet(PDF) 30 Page - Texas Instruments

Part # TUSB1046AI-DCI
Description  TUSB1046A-DCI USB Type-C™ DisplayPort™ ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1046AI-DCI Datasheet(HTML) 30 Page - Texas Instruments

Back Button TUSB1046AI-DCI Datasheet HTML 26Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 27Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 28Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 29Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 30Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 31Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 32Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 33Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
30
TUSB1046A-DCI
SLLSF13B – JUNE 2017 – REVISED MAY 2019
www.ti.com
Product Folder Links: TUSB1046A-DCI
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Typical Application (continued)
9.2.1 Design Requirements
For this design example, use the parameters shown in Table 19.
Table 19. Design Parameters
PARAMETER
VALUE
A to B PCB trace length, XAB
12 inches
C to D PCB trace length, XCD
12 inches
E to F PCB trace length, XEF
2 inches
G to H PCB trace length, XGH
2 inches
PCB trace width
4 mils
AC-coupling capacitor (75 nF to 265 nF)
100 nF
VCC supply (3 V to 3.6 V)
3.3 V
I2C Mode or GPIO Mode
I2C Mode. (I2C_EN pin != "0")
1.8V or 3.3V I2C Interface
3.3V I2C. Pull-up the I2C_EN pin to 3.3V with a 1K
ohm resistor.
9.2.2 Detailed Design Procedure
A typical usage of the TUSB1046-DCI device is shown in Figure 28. The device can be controlled either through
its GPIO pins or through its I2C interface. In the example shown below, a Type-C PD controller is used to
configure the device through the I2C interface. When configured for I2C mode, pins 29 (RSVD1) and 32 (RSVD2)
can be left unconnected. In I2C mode, the equalization settings for each receiver can be independently controlled
through I2C registers. For this reason, all of the equalization pins (EQ[1:0], SSEQ[1:0], and DPEQ[1:0]) can be
left unconnected. If these pins are left unconnected, the TUSB1046-DCI 7-bit I2C slave address will be 0x12
because both DPEQ/A1 and SSEQ0/A0 will be at pin level "F". If a different I2C slave address is desired,
DPEQ/A1 and SSEQ0/A0 pins should be set to a level which produces the desired I2C slave address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com