Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1046AI-DCI Datasheet(PDF) 10 Page - Texas Instruments

Part # TUSB1046AI-DCI
Description  TUSB1046A-DCI USB Type-C™ DisplayPort™ ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1046AI-DCI Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB1046AI-DCI Datasheet HTML 6Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 7Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 8Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 9Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 10Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 11Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 12Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 13Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
Differential Input Voltage (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
D005
EQ0
EQ1
EQ2
EQ3
EQ4
EQ5
EQ6
EQ7
EQ8
EQ9
EQ10
EQ11
EQ12
EQ13
EQ14
EQ15
Differential Input Voltage (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
D006
EQ0
EQ1
EQ2
EQ3
EQ4
EQ5
EQ6
EQ7
EQ8
EQ9
EQ10
EQ11
EQ12
EQ13
EQ14
EQ15
Frequency (GHz)
-15
-10
-5
0
5
10
15
0.01
0.1
1
10
D003
EQ0
EQ1
EQ2
EQ3
EQ4
EQ5
EQ6
EQ7
EQ8
EQ9
EQ10
EQ11
EQ12
EQ13
EQ14
EQ15
Differential Input Voltage (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
D004
EQ0
EQ1
EQ2
EQ3
EQ4
EQ5
EQ6
EQ7
EQ8
EQ9
EQ10
EQ11
EQ12
EQ13
EQ14
EQ15
Frequency (GHz)
-15
-10
-5
0
5
10
15
0.01
0.1
1
10
D001
EQ0
EQ1
EQ2
EQ3
EQ4
EQ5
EQ6
EQ7
EQ8
EQ9
EQ10
EQ11
EQ12
EQ13
EQ14
EQ15
Frequency (GHz)
-15
-10
-5
0
5
10
15
0.01
0.1
1
10
D002
EQ0
EQ1
EQ2
EQ3
EQ4
EQ5
EQ6
EQ7
EQ8
EQ9
EQ10
EQ11
EQ12
EQ13
EQ14
EQ15
10
TUSB1046A-DCI
SLLSF13B – JUNE 2017 – REVISED MAY 2019
www.ti.com
Product Folder Links: TUSB1046A-DCI
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
6.11 Typical Characteristics
Figure 1. DisplayPort EQ Settings Curves
Figure 2. USB RX EQ Settings Curves
Figure 3. USB TX EQ Settings Curves
Figure 4. DisplayPort Linearity Curves at 4.05 GHz
Figure 5. USB TX Linearity Curves at 5 GHz
Figure 6. USB RX Linearity Curves at 5 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com