Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1046AI-DCI Datasheet(PDF) 45 Page - Texas Instruments

Part # TUSB1046AI-DCI
Description  TUSB1046A-DCI USB Type-C™ DisplayPort™ ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1046AI-DCI Datasheet(HTML) 45 Page - Texas Instruments

Back Button TUSB1046AI-DCI Datasheet HTML 40Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 41Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 42Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 43Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 44Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 45Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 46Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 47Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 48Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
www.ti.com
PACKAGE OUTLINE
C
40X 0.25
0.15
4.7±0.1
40X 0.5
0.3
0.8 MAX
(0.2) TYP
0.05
0.00
36X 0.4
2X
2.8
2X 4.4
2.7±0.1
A
6.1
5.9
B
4.1
3.9
WQFN - 0.8 mm max height
RNQ0040A
PLASTIC QUAD FLATPACK - NO LEAD
4222125/B 01/2016
PIN 1 INDEX AREA
0.08
SEATING PLANE
1
8
21
28
9
20
40
29
(OPTIONAL)
PIN 1 ID
0.1
C A
B
0.05
EXPOSED
THERMAL PAD
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 2.500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com