Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGC2A22..25 Datasheet(PDF) 1 Page - Carlo Gavazzi Holding AG

Part # RGC2A22..25
Description  3-phase solid state relays with integrated heatsink
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

RGC2A22..25 Datasheet(HTML) 1 Page - Carlo Gavazzi Holding AG

  RGC2A22..25 Datasheet HTML 1Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 2Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 3Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 4Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 5Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 6Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 7Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 8Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 9Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
1
Carlo Gavazzi Ltd.
RGC2, RGC3
RGC2, RGC3 DS ENG
05/10/20
3-phase solid state relays with integrated heatsink
Benefits
Description
•
Panel space savings. Concentrated power; the RGC
3-phase switching range can handle up to 65 AAC per
pole (or 75 AAC for 2-pole switching) in a 70 mm wide
footprint.
•
Long lifetime. Wire bonding technology reduces thermal
and mechanical stresses of the output chips resulting in a
larger number of possible operational cycles compared to
other assembly technologies.
•
Low machine downtime. Integrated overvoltage
protection prevents the solid state relay from breaking
down due to uncontrolled transients that may occur on
the lines.
•
Ease of use. The RGC2A and RGC3A are ready to
use solutions provided with integrated heatsink thus
eliminating the need for the user to calculate the size of
heatsink needed for adequate thermal dissipation.
•
Fast wiring. Power connections for models rated ≥30 A
are equipped with terminals that can handle cables up to
25 mm2 / AWG3 cables.
•
Integrated monitoring for timely detection of
malfunctions. Optional feature on the 3-phase RGC
series that enables detection of mains loss, over
temperature and solid state relay or load malfunction.
•
Accommodates UL508A requirements for Industrial
Control Panels. The RGC 3-phase range is certified as a
listed product. All models carry a 100 kArms Short Circuit
Current Rating.
This product is intended to replace mechanical
contactors especially when switching is frequent. The
smallest product width in the
RGC2, RGC3 range is
54 mm (3xDIN) and goes up to 70 mm. 2-pole and
3-pole switching options are available.
Apart from resistive and slightly inductive loads, the
RGC is certified for motor switching with associated
motor ratings. A green LED gives indication of control
voltage presence. Fan operation is controlled for the
versions which have an integrated fan.
Detection of SSR overheat, mains loss, SSR
malfunction and load loss is possible with the
RGC..M
versions. An EMR alarm output is available for remote
signaling. An additional feature with the
RGC..M is the
electronic auxiliary output. The RGC..M has additional
LEDs for load status and alarm status indication.
Specifications are at a surrounding temperature of 25°C unless otherwise specified.
RGC2, RGC3
Applications
Plastic injection machines, Extrusion machines, Blow moulding machines, Thermoformers, Dryers, Electrical
ovens, Fryers, Shrink tunnels, Air handling units, Sterilisation equipment, Climatic chambers, Ovens and
furnaces.
Main features
• 3-phase zero cross switching solid state contactor for 3-pole or 2-pole switching
• Ratings up to 660 VAC 75 AAC/pole (RGC2A), 65 AAC/pole (RGC3A) @ T
A 40°C
• Optionally integrated monitoring for SSR and load malfunction with alarm output for remote signalling with
the RGC..M


Similar Part No. - RGC2A22..25

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
RGC2010 SEI-RGC2010 Datasheet
450Kb / 7P
Semi-Precision Thick Film Chip Resistor
04/22/2020
RGC2010BTC100R SEI-RGC2010BTC100R Datasheet
450Kb / 7P
Semi-Precision Thick Film Chip Resistor
04/22/2020
RGC2010BTC10K5 SEI-RGC2010BTC10K5 Datasheet
450Kb / 7P
Semi-Precision Thick Film Chip Resistor
04/22/2020
RGC2010BTC1M00 SEI-RGC2010BTC1M00 Datasheet
450Kb / 7P
Semi-Precision Thick Film Chip Resistor
04/22/2020
RGC2010BTC4K70 SEI-RGC2010BTC4K70 Datasheet
450Kb / 7P
Semi-Precision Thick Film Chip Resistor
04/22/2020
More results

Similar Description - RGC2A22..25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN1A23A50 ETC2-RN1A23A50 Datasheet
163Kb / 5P
Solid State Relays 1- and 2 Pole SOLITRON With Integrated Heatsink
logo
celduc-relais
SGT965960 CELDUC-SGT965960 Datasheet
91Kb / 2P
Three Phase Solid State Relays
SOR86707WF CELDUC-SOR86707WF Datasheet
590Kb / 6P
Power Solid State Relay with integrated heatsink
SVT869994 CELDUC-SVT869994 Datasheet
134Kb / 3P
Three Phase Solid State Relays
SVT965760 CELDUC-SVT965760 Datasheet
128Kb / 3P
Three Phase Solid State Relays
SVT965960 CELDUC-SVT965960 Datasheet
131Kb / 3P
Three Phase Solid State Relays
SVT967360 CELDUC-SVT967360 Datasheet
135Kb / 3P
Three Phase Solid State Relays
SWT860390 CELDUC-SWT860390 Datasheet
133Kb / 3P
Three Phase Solid State Relays
SWT862030 CELDUC-SWT862030 Datasheet
158Kb / 3P
Three Phase Solid State Relays
logo
Powersem GmbH
PSD12D100V660V POWERSEM-PSD12D100V660V Datasheet
92Kb / 2P
Three Phase Solid State Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com